Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 102 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics UM0434 Datasheet HTML 101Page - STMicroelectronics UM0434 Datasheet HTML 102Page - STMicroelectronics UM0434 Datasheet HTML 103Page - STMicroelectronics UM0434 Datasheet HTML 104Page - STMicroelectronics UM0434 Datasheet HTML 105Page - STMicroelectronics UM0434 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 390 page
background image
UM0434
Register model
103/391
4.19
Parallel signature unit registers
To support applications requiring system integrity checking during operation, the e200z3
provides a Parallel Signature unit to monitor the CPU data read and data write AHB buses
and to accumulate a pair of 32-bit MISR signatures of the data values transferred over these
buses.
The primitive polynomial used is P(X)=1+X10+X30+X31+X32. Values are accumulated based
on an initially programmed seed value and are qualified based on active byte lanes of the
data read and data write buses (
p_d_hrdata[63:0], p_d_hwdata[63:0]) as indicated via the
p_d_hbstrb[7:0] signals. Inactive byte lanes use a value of all zeros as input data to the
MISRs. Refer to
Table 170 for active byte lane information. If a transfer error occurs on any
accumulated read data, the returned read data is ignored, a value of all zeros is used
instead, and the error is logged. Errors occurring on data writes are not logged, since the
data driven by the CPU is valid.
The unit can be independently enabled for read cycles and write cycles, allowing for flexible
usage. Software can also control accumulation of software-provided values via a pair of
update registers. In addition, there is a counter for software to monitor the number of beats
of data compressed.
Updates are performed when the parallel signature registers are initialized, when a qualified
bus cycle is terminated, when a software update is performed via a high or low update
register, and when the parallel signature high or low registers are written with an mtdcr
instruction.
Note:
Updates due to qualified bus transfers are suppressed for the duration of a debug session.
SRR0
Unaffected 1
SRR1
Unaffected 1
SVR 3
—
TBL
Unaffected 1
TBU
Unaffected 1
TCR
0x0000_0000
TLB0CFG– TLB1CFG
—
TSR
Undefined on power-on reset; otherwise, 0x(0b00||WRS)000_0000
USPRG0
Unaffected 1
XER
0x0000_0000
1.
Undefined on
m_por assertion, unchanged on p_reset_b assertion.
2.
For CTXCR 0 only, others unaffected.
3.
Read-only register.
Table 90.
Reset settings for e200z3 resources (continued)
Resource
System reset setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com