Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 105 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 101Page - STMicroelectronics UM0434 Datasheet HTML 102Page - STMicroelectronics UM0434 Datasheet HTML 103Page - STMicroelectronics UM0434 Datasheet HTML 104Page - STMicroelectronics UM0434 Datasheet HTML 105Page - STMicroelectronics UM0434 Datasheet HTML 106Page - STMicroelectronics UM0434 Datasheet HTML 107Page - STMicroelectronics UM0434 Datasheet HTML 108Page - STMicroelectronics UM0434 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 390 page
background image
Register model
UM0434
106/391
4.19.4
Parallel signature low register (PSLR)
PSLR, shown in
Table 4.19.5, provides signature information for the low word (bits 31-0) of
the AHB data read and data write buses. Writing PSLR initializes a seed value prior to
enabling signature accumulation. PSCR[INIT] can also be used to clear the PSLR. PSLR is
unaffected by system reset, thus should be initialized by software prior to performing parallel
signature operations.
4.19.5
Parallel signature counter register (PSCTR)
PSCTR, shown in
Table 4.19.6, provides count information for signature accumulation. It is
incremented on every accumulated transfer or on an mtdcr psulr,rS. Writing to PSCTR
initializes a value before enabling signature accumulation. PSCR[INIT] can also be used to
clear PSCTR. PSCTR is unaffected by system reset, thus should be initialized by software
before performing parallel signature operations.
.
4.19.6
Parallel signature update high register (PSUHR)
PSUHR, shown in
Table 98, updates the high signature value via software. It can be written
via an mtdcr psuhr, rS instruction to cause signature accumulation to occur in the PSHR
using the data value written. Writing to this register does not cause the PSCTR to
increment.
Table 95.
Parallel signature high register (PSHR)
32
63
Field
High signature
Reset
Unaffected
R/W
R/W
DCR
DCR 274
Table 96.
Parallel signature low register (PSLR)
32
63
Field
Low signature
Reset
Unaffected
R/W
R/W
DCR
DCR 275
Table 97.
Parallel signature counter register (PSCTR)
32
63
Field
Counter
Reset
Unaffected
R/W
R/W
DCR
DCR 276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com