Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 103 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics UM0434 Datasheet HTML 101Page - STMicroelectronics UM0434 Datasheet HTML 102Page - STMicroelectronics UM0434 Datasheet HTML 103Page - STMicroelectronics UM0434 Datasheet HTML 104Page - STMicroelectronics UM0434 Datasheet HTML 105Page - STMicroelectronics UM0434 Datasheet HTML 106Page - STMicroelectronics UM0434 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 390 page
background image
Register model
UM0434
104/391
Figure 6.
Parallel signature unit
The parallel signature unit consists of seven registers as described in this section. Access to
these registers is privileged. No user-mode access is allowed.
Note:
Proper access of the PSU registers requires an mfdcr that reads a PSU register to be
proceeded by either mbar or msync. To ensure that the effects of an mtdcr to one of the
PSU registers takes effect, the mtdcr is followed by a context synchronizing instruction (sc,
isync, rfi, rfci, rfdi).
4.19.1
Parallel signature control register (PSCR)
PSCR, shown in
Table 91, controls operation of the parallel signature unit.
PSCR field descriptions are shown in
Table 92.
.
+
d q
+
d q
+
d q
+
d q
+
d q
+
d q
+
d q
...
...
D31 (D63) D30 (D62)
D29 (D61) D28 (D60)
D1 (D33)
D0 (D32)
D21 (D53)
+
d q
D20 (D52)
+
d q
D22 (D54)
Data Bus (p_d_hrdata, p_d_hwdata)
PSHR, (PSLR)
Table 91.
Parallel signature control register (PSCR)
32
57
58
59 60
61
62
63
Field
—
CNTEN
—
RDEN
WREN
INIT
Reset
All zeros
R/W
R/W
DCR
DCR 272
Table 92.
PSCR field descriptions
Bits
Name
Description
32–57
—
Reserved, should be cleared.
58
CNTEN
Counter enable.
0 Counter is disabled.
1 Counter is enabled. Counter is incremented on every accumulated
transfer or on an mtdcr psulr,rS.
59–60
—
Reserved, should be cleared.
61
RDEN
Read enable.
0 Processor data read cycles are ignored.
1 Processor data reads cycles are accumulated. For inactive byte lanes,
zeros are used for the data values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com