Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 109 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 105Page - STMicroelectronics UM0434 Datasheet HTML 106Page - STMicroelectronics UM0434 Datasheet HTML 107Page - STMicroelectronics UM0434 Datasheet HTML 108Page - STMicroelectronics UM0434 Datasheet HTML 109Page - STMicroelectronics UM0434 Datasheet HTML 110Page - STMicroelectronics UM0434 Datasheet HTML 111Page - STMicroelectronics UM0434 Datasheet HTML 112Page - STMicroelectronics UM0434 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 390 page
background image
Instruction model
UM0434
110/391
5.5
BookE instruction extensions
The variable length encoding (VLE) provides an extension to 32-bit PowerPC Book E. There
are additional operations defined using an alternate instruction encoding to enable reduced
code footprint. This alternate encoding set is selected on an instruction page basis. A single
page attribute bit selects between standard PowerPC Book E instruction encodings and
VLE instructions for that page of memory. This page attribute is an extension to the
PowerPC Book E page attributes. Pages can be freely intermixed, allowing for a mixture of
code using both types of encodings.
Instruction encodings in pages marked as using the VLE extension are either 16 or 32 bits
long, and are aligned on 16-bit boundaries. Therefore, all instruction pages marked as VLE
are required to use big-endian byte ordering.
This section describes the various extensions to Book E instructions to support the VLE
extension.
rfci, rfdi, rfi—no longer mask bit 62 of CSRR0, DSRR0, or SRR0 respectively. The
destination address is [D,C]SRR0[32:62] || 0b0.
bclr, bclrl, bcctr, bcctrl—no longer mask bit 62 of the LR or CTR respectively. The
destination address is [LR,CTR][32:62] || 0b0.
5.6
Memory access alignment support
The e200z3 core provides hardware support for unaligned memory accesses. However,
there is a performance degradation for accesses that cross a 64-bit (8 byte) boundary. For
these cases, the throughput of the load/store unit is degraded to one misaligned load every
2 cycles. Stores misaligned across a 64-bit (8 byte) boundary can be translated at a rate of
2 cycles per store. Frequent use of unaligned memory accesses is discouraged because of
the impact on performance.
Table 102.
Implementation-Specific instruction summary
Mnemonic
Implementation details
mfapidi
Unimplemented instructions
mfdcrx, mtdcrx
stwcx.
Address match with prior lwarx not required for store to be performed
mfdcr, mtdcr(1)
1.
The e200z3 CPU takes an illegal instruction interrupt for unsupported DCR values
Optionally supported instructions
tlbivax
tlbre
tlbsx
tlbsync
tlbwe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com