Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 112 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 108Page - STMicroelectronics UM0434 Datasheet HTML 109Page - STMicroelectronics UM0434 Datasheet HTML 110Page - STMicroelectronics UM0434 Datasheet HTML 111Page - STMicroelectronics UM0434 Datasheet HTML 112Page - STMicroelectronics UM0434 Datasheet HTML 113Page - STMicroelectronics UM0434 Datasheet HTML 114Page - STMicroelectronics UM0434 Datasheet HTML 115Page - STMicroelectronics UM0434 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 390 page
background image
UM0434
Instruction model
113/391
When the debug APU is enabled (HID0[DAPUEN] = 1), rfdi provides a way to return from a
debug interrupt. See
Chapter 4.13.1: Hardware implementation dependent register 0 (HID0)
on page 84,” for more information about enabling the debug APU.
The instruction form and definition is provided in the
EREF.
5.10.3
SPE APU instructions
SPE APU instructions treat 64-bit GPRs as a vector of two 32-bit elements. (Some
instructions also read or write 16-bit elements.) The SPE APU supports a number of forms
of multiply and multiply-accumulate operations, and of add and subtract to accumulator
operations. The SPE supports signed and unsigned forms, and optional fractional forms. For
these instructions, the fractional form does not apply to unsigned forms because integer and
fractional forms are identical for unsigned operands.
Table 104 shows how SPE APU vector multiply instruction mnemonics are structured.
Table 105 defines mnemonic extensions for these instructions.
Table 104.
SPE APU vector multiply instruction mnemonic structure
Prefix
Multiply element
Data type element
Accumulate element
evm
ho
he
hog
heg
wh
wl
whg
wlg
w
half odd (16x16
→32)
half even (16x16
→32)
half odd guarded
(16x16
→32)
half even guarded
(16x16
→32)
word high (32x32
→32)
word low (32x32
→32)
word high guarded
(32x32
→32)
word low guarded
(32x32
→32)
word (32x32
→64)
usi
umi
ssi
ssf(1)
smi
smf
(1)
unsigned saturate
integer
unsigned modulo
integer
signed saturate integer
signed saturate
fractional
signed modulo integer
signed modulo fractional
a
aa
an
aaw
anw
write to ACC
write to ACC & added ACC
write to ACC & negate ACC
write to ACC & ACC in words
write to ACC & negate ACC in
words
1.
Low word versions of signed saturate and signed modulo fractional instructions are not supported. Attempting to execute
an opcode corresponding to these instructions causes boundedly undefined results.
Table 105.
Mnemonic extensions for multiply-accumulate instructions
Extension
Meaning
Comments
Multiply form
he
Half word even
16
×16→32
heg
Half word even guarded
16
×16→32, 64-bit final accumulator result
ho
Half word odd
16
×16→32
hog
Half word odd guarded
16
×16→32, 64-bit final accumulator result
wWord
32
×32→64
wh
Word high
32
×32→32, high-order 32 bits of product
wl
Word low
32
×32→32, low-order 32 bits of product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com