Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 17 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 17 Page - NEC

Back Button UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC UPD78044F Datasheet HTML 19Page - NEC UPD78044F Datasheet HTML 20Page - NEC UPD78044F Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 472 page
background image
17
User’s Manual U16504EE1V1UD00
Figure 12-12:
A/D Conversion End Interrupt Request Generation Timing....................................... 194
Figure 12-13:
D/A Converter Mode Register (DAM0) Format.......................................................... 195
Figure 13-1:
Block Diagram of SIO30 ............................................................................................ 197
Figure 13-2:
Format of Serial Operation Mode Register (CSIM30) ............................................... 199
Figure 13-3:
Format of Serial Operation Mode Register (CSIM30) ............................................... 200
Figure 13-4:
Format of Serial Operation Mode Register (CSIM30) ............................................... 201
Figure 13-5:
Timing of Three-wire Serial I/O Mode........................................................................ 202
Figure 14-1:
Block Diagram of SIO31 ............................................................................................ 206
Figure 14-2:
Format of Serial Operation Mode Register (CSIM31) ............................................... 208
Figure 14-3:
Format of Serial Mode Switch Register (SIOSWI)..................................................... 209
Figure 14-4:
Format of Serial Operation Mode Register (CSIM31) ............................................... 210
Figure 14-5:
Format of Serial Operation Mode Register (CSIM31) ............................................... 211
Figure 14-6:
Format of Serial Mode Switch Register (SIOSWI)..................................................... 212
Figure 14-7:
Format of Serial Operation Mode Register (CSIM31) ............................................... 213
Figure 14-8:
Format of Serial Mode Switch Register (SIOSWI)..................................................... 214
Figure 14-9:
Timing of Three-wire Serial I/O Mode........................................................................ 215
Figure 14-10:
Timing of Two-wire Serial I/O Mode .......................................................................... 215
Figure 15-1:
Block Diagram of UART ............................................................................................ 217
Figure 15-2:
Format of Asynchronous Serial Interface Mode Register (ASIM0) (1/2) ................... 220
Figure 15-3:
Format of Asynchronous Serial Interface Status Register (ASIS0) ........................... 222
Figure 15-4:
Format of Baud Rate Generator Control Register (BRGC0) (1/2)............................. 223
Figure 15-5:
Register Settings ....................................................................................................... 225
Figure 15-6:
Format of Asynchronous Serial Interface Mode Register (ASIM0) (1/2) ................... 226
Figure 15-7:
Format of Asynchronous Serial Interface Status Register (ASIS0) ........................... 228
Figure 15-8:
Format of Baud Rate Generator Control Register (BRGC0) (1/2)............................. 229
Figure 15-9:
Error Tolerance (when k = 0), including Sampling Errors.......................................... 232
Figure 15-10:
Format of Transmit/Receive Data in Asynchronous Serial Interface......................... 233
Figure 15-11:
Timing of Asynchronous Serial Interface Transmit Completion Interrupt .................. 235
Figure 15-12:
Timing of Asynchronous Serial Interface Receive Completion Interrupt ................... 236
Figure 15-13:
Receive Error Timing................................................................................................. 237
Figure 16-1:
Data Frame ............................................................................................................... 241
Figure 16-2:
Remote Frame .......................................................................................................... 241
Figure 16-3:
Data Frame ............................................................................................................... 242
Figure 16-4:
Arbitration Field/Standard Format Mode ................................................................... 242
Figure 16-5:
Arbitration Field/Extended Format Mode................................................................... 243
Figure 16-6:
Control Field (Standard Format Mode)...................................................................... 244
Figure 16-7:
Control Field (Extended Format Mode) ..................................................................... 244
Figure 16-8:
Data Field .................................................................................................................. 245
Figure 16-9:
CRC Field .................................................................................................................. 245
Figure 16-10:
ACK Field .................................................................................................................. 246
Figure 16-11:
End of Frame............................................................................................................. 246
Figure 16-12:
Interframe Space/Error Active ................................................................................... 247
Figure 16-13:
Interframe Space/Error Passive ................................................................................ 247
Figure 16-14:
Error Frame ............................................................................................................... 248
Figure 16-15:
Overload Frame ........................................................................................................ 249
Figure 16-16:
Nominal Bit Time (8 to 25 Time Quanta) ................................................................... 255
Figure 16-17:
Adjusting Synchronization of the Data Bit ................................................................. 256
Figure 16-18:
Bit Synchronization.................................................................................................... 257
Figure 16-19:
Transmission State Shift Chart.................................................................................. 258
Figure 16-20:
Reception State Shift Chart ....................................................................................... 259
Figure 16-21:
Error State Shift Chart ............................................................................................... 260
Figure 16-22:
Structural Block Diagram........................................................................................... 261
Figure 16-23:
Connection to the CAN Bus ...................................................................................... 262
Figure 16-24:
Transmit Message Definition Bits ............................................................................. 266
Figure 16-25:
Transmit Identifier ..................................................................................................... 267
Figure 16-26:
Transmit Data ........................................................................................................... 268
Figure 16-27:
Control bits for Receive Identifier ............................................................................. 271
Figure 16-28:
Receive Status Bits (1/2) .......................................................................................... 272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com