Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 80 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 80 Page - NEC

Back Button UPD78044F Datasheet HTML 76Page - NEC UPD78044F Datasheet HTML 77Page - NEC UPD78044F Datasheet HTML 78Page - NEC UPD78044F Datasheet HTML 79Page - NEC UPD78044F Datasheet HTML 80Page - NEC UPD78044F Datasheet HTML 81Page - NEC UPD78044F Datasheet HTML 82Page - NEC UPD78044F Datasheet HTML 83Page - NEC UPD78044F Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 472 page
background image
80
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.4.7 Based addressing
8-bit immediate data is added to the contents of the base register, that is, the HL register pair, and the
sum is used to address the memory. The HL register pair to be accessed is in the register bank speci-
fied with the register bank select flags (RBS0 and RBS1). Addition is performed by expanding the offset
data as a positive number to 16 bits. A carry from the 16th bit is ignored. This addressing can be carried
out for all the memory spaces.
Operand format
Figure 3-24:
Based addressing description example
MOV A, [HL + 10H]; when setting byte to 10H
Table 3-12:
Based addressing
Identifier
Description
[HL + byte]
Operation code
10101110
00010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com