Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 66 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 66 Page - NEC

Back Button UPD78044F Datasheet HTML 62Page - NEC UPD78044F Datasheet HTML 63Page - NEC UPD78044F Datasheet HTML 64Page - NEC UPD78044F Datasheet HTML 65Page - NEC UPD78044F Datasheet HTML 66Page - NEC UPD78044F Datasheet HTML 67Page - NEC UPD78044F Datasheet HTML 68Page - NEC UPD78044F Datasheet HTML 69Page - NEC UPD78044F Datasheet HTML 70Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 472 page
background image
66
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.2.3 Special function register (SFR)
Unlike a general register, each special function register has special functions.
It is allocated in the FF00H to FFFFH area.
The special function registers can be manipulated in a similar way as the general registers, by using
operation, transfer, or bit-manipulate instructions. The special function registers are read from and writ-
ten to in specified manipulation bit units (1, 8, and/or 16) depending on the register type.
Each manipulation bit unit can be specified as follows.
• 1-bit manipulation
Describe the symbol reserved with assembler for the 1-bit manipulation instruction operand
(sfr.bit).
This manipulation can also be specified with an address.
• 8-bit manipulation
Describe the symbol reserved with assembler for the 8-bit manipulation instruction operand
(sfr).
This manipulation can also be specified with an address.
• 16-bit manipulation
Describe the symbol reserved with assembler for the 16-bit manipulation instruction operand
(sfrp).
When addressing an address, describe an even address.
Table 3-5, “Special Function Register List,” on page 67 gives a list of special function regis-
ters. The meaning of items in the table is as follows.
• Symbol
The assembler software RA78K0 translates these symbols into corresponding addresses
where the special function registers are allocated. These symbols should be used as instruction
operands in the case of programming.
• R/W
This column shows whether the corresponding special function register can be read or written.
R/W : Both reading and writing are enabled.
R
: The value in the register can read out. A write to this register is ignored.
W
: A value can be written to the register. Reading values from the register is impossible.
• Manipulation
The register can be manipulated in bit units.
• After reset
The register is set to the value immediately after the RESET signal is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com