Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 69 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 69 Page - NEC

Back Button UPD78044F Datasheet HTML 65Page - NEC UPD78044F Datasheet HTML 66Page - NEC UPD78044F Datasheet HTML 67Page - NEC UPD78044F Datasheet HTML 68Page - NEC UPD78044F Datasheet HTML 69Page - NEC UPD78044F Datasheet HTML 70Page - NEC UPD78044F Datasheet HTML 71Page - NEC UPD78044F Datasheet HTML 72Page - NEC UPD78044F Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 472 page
background image
69
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
Note: The values after reset depend on the product (see Table 23-4, “Values when the Internal
Expansion RAM Size Switching Register is Reset,” on page 389).
FFB9H
Synchronous control register 0
SYNC0
R/W
-
×
-18H
FFBAH
Synchronous control register 1
SYNC1
R/W
-
×
-0EH
FFBBH
Mask control register
MASKC
R/W
-
×
-00H
FFBDH
Meter C/D prescaler switch register
SMSWI
R/W
××
-00H
FFBFH
8-bit timer mode control register
MCNTC
R/W
-
×
-00H
FFC0H
Sound generator control register
SGCR
R/W
××
-00H
FFC1H
Sound generator amplitude register
SGAM
R/W
-
×
-00H
FFC2H
Sound generator buzzer control register
SGBR
R/W
-
×
-00H
FFC3H
Motor 1 compare register
MCMP10
R/W
-
×
-00H
FFC4H
Motor 1 compare register
MCMP11
R/W
-
×
-00H
FFC5H
Motor 2 compare register
MCMP20
R/W
-
×
-00H
FFC6H
Motor 2 compare register
MCMP21
R/W
-
×
-00H
FFC7H
Motor 3 compare register
MCMP30
R/W
-
×
-00H
FFC8H
Motor 3 compare register
MCMP31
R/W
-
×
-00H
FFC9H
Motor 4 compare register
MCMP40
R/W
-
×
-00H
FFCAH
Motor 4 compare register
MCMP41
R/W
-
×
-00H
FFCBH
Port mode control register
PMC
R/W
-
×
-00H
FFCCH
Compare control register 1
MCMPC1
R/W
-
×
-00H
FFCDH
Compare control register 2
MCMPC2
R/W
-
×
-00H
FFCEH
Compare control register 3
MCMPC3
R/W
-
×
-00H
FFCFH
Compare control register 4
MCMPC4
R/W
-
×
-00H
FFE0H
Interrupt request flag register 0L
IF0L
R/W
××
×
00H
FFE1H
Interrupt request flag register 0H
IF0H
R/W
××
00H
FFE2H
Interrupt request flag register 1L
IF1L
R/W
××
×
00H
FFE4H
Interrupt mask flag register 0L
MK0L
R/W
××
×
FFH
FFE5H
Interrupt mask flag register 0H
MK0H
R/W
××
FFH
FFE6H
Interrupt mask flag register 1L
MK1L
R/W
××
×
FFH
FFE8H
Priority order specified flag 0L
PR0L
R/W
××
×
FFH
FFE9H
Priority order specified flag 0H
PR0H
R/W
××
FFH
FFEAH
Priority order specified flag 1L
PR1L
R/W
××
×
FFH
FFF0H
Memory size switching register
IMS
R/W
-
×
-CFH
FFF4H
Internal expansion RAM size switching register
IXS
R/W
-
×
-
Note
FFF9H
Watchdog timer mode register
WDTM
R/W
××
-00H
FFFAH
Oscillation stabilisation time register
OSTS
R/W
-
×
-04H
FFFBH
Processor clock control register
PCC
R/W
××
-04H
Table 3-5:
Special Function Register List (3/3)
Address
SFR Name
Symbol
R/W
Manipulation Bit
Unit
After
Reset
1-bit
8-bit
16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com