Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 89 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 89 Page - NEC

Back Button UPD78044F Datasheet HTML 85Page - NEC UPD78044F Datasheet HTML 86Page - NEC UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC UPD78044F Datasheet HTML 89Page - NEC UPD78044F Datasheet HTML 90Page - NEC UPD78044F Datasheet HTML 91Page - NEC UPD78044F Datasheet HTML 92Page - NEC UPD78044F Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 472 page
background image
89
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.2.3 Port 2
Port 2 is an 8-bit output port with output latch. P20 to P27 goes into a high impedance state when the
port mode register 2 is set to 1.
Dual-function includes meter control PWM output.
RESET input sets port 2 to high-impedance state.
Figure 4-4 shows a block diagram of port 2.
Caution:
When port 2 is set to 1, the read back from output latch operation is enabled.
When port 2 is set to 0, the read back from output latch operation is disabled.
Figure 4-4:
P20 to P27 Configurations
Remarks: 1. PM
: Port mode register
2. RD
: Port 2 read signal
3. WR
: Port 2 write signal
Notes: 1. Set output latch to 0 when dual function shall be applied to output.
2. Disable dual function when the content of the output latch shall be applied to output.
WRPM
WRPORT
RD
Output Latch
(P20 to P27)
PM20 to PM27
Dual Function
P20/SM11 to P23/SM14
Note 1
Note 2
P24/SM21 to P27/SM24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com