Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 28 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 28 Page - NEC

Back Button UPD78044F Datasheet HTML 24Page - NEC UPD78044F Datasheet HTML 25Page - NEC UPD78044F Datasheet HTML 26Page - NEC UPD78044F Datasheet HTML 27Page - NEC UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 472 page
background image
28
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
Pin Identifications
P00 to P03
:
Port 0
SGO
:
Sound Generator Output
P10 to P14
:
Port 1
SGOA
:
Sound Generator Amplitude
P20 to P27
:
Port 2
SGOF
:
Sound Generator Frequency
P34 to P37
:
Port 3
PCL
:
Programmable Clock Output
P40 to P47
:
Port 4
SM11 to SM14
:
Meter Controller/Driver
P50 to P57
:
Port 5
SM21 to SM24
:
Meter Controller/Driver
P60 to P65
:
Port 6
SM31 to SM34
:
Meter Controller/Driver
P80 to P87
:
Port 8
SM41 to SM44
:
Meter Controller/Driver
P90 to P97
:
Port 9
SMVDD
:
Meter Controller/Driver
INTP0 to INTP2
:
Interrupt from Peripherals
SMVSS
:
Meter Controller/Driver
TI50, TI51
:
Timer Input
S0 to S27
:
Segment Output
TI20 to TI22
:
Timer Input
COM0 to COM3
:
Common Output
TO51, TO52
:
Timer Output
X1, X2
:
Crystal (Main System Clock)
TPO
:
Timer Output
RESET
:Reset
CRXD
:
CAN Receive Data
ANI0 to ANI4
:
Analog Input
CTXD
:
CAN Transmit Data
AVSS
:
Analog Ground
CCLK
:
CAN Clock
AVDD/AVREF
:
Analog Reference Voltage and
SI30, SI31
:
Serial Input
:
ADC Power Supply
SO30, SO31
:
Serial Output
VDD0, VDD1
:
Power Supply
SCK30, SCK31
:Serial Clock
VPP
:
Programming Power Supply
SIO31
:
Serial Input/Output
VSS0, VSS1
:
Ground
RXD0
:
Receive Data
IC
:
Internally Connected
TXD0
:
Transmit Data
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com