Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 90 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 90 Page - NEC

Back Button UPD78044F Datasheet HTML 86Page - NEC UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC UPD78044F Datasheet HTML 89Page - NEC UPD78044F Datasheet HTML 90Page - NEC UPD78044F Datasheet HTML 91Page - NEC UPD78044F Datasheet HTML 92Page - NEC UPD78044F Datasheet HTML 93Page - NEC UPD78044F Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 472 page
background image
90
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.2.4 Port 3
Port 3 is an 4-bit input/output port with output latch. P34 to P37 pins can specify the input mode/output
mode in 1-bit units with the port mode register 3 (PM3). When P34 to P37 are used as input pins,
pull-up resistors can be connected bit-wise with the pull-up resistor option register (PU3).
Dual-function includes timer input/output, serial interface data input/output, serial interface clock
input/output and segment signal output of the LCD controller/driver.
RESET input sets port 3 to input mode.
Figure 4-5 shows a block diagram of port 3.
Caution:
When used as segment lines, set the port function (PF3) according to its function.
Figure 4-5:
P34 to P37 Configurations
Remarks: 1. PM
: Port mode register
2. RD
: Port 3 read signal
3. WR
: Port 3 write signal
Notes: 1. Set output latch to 0 when dual function shall be applied to output.
2. Disable dual function when the comment of the output latch shall be applied to output.
WRPM
WRPORT
RD
Selector
Output Latch
(P34 to P37)
PM34 to PM37
Dual Function
P34/TO50/TI50/S27
P35/SCK3/S26
P36/SO3/S25
P37/SI3/S24
Note 1
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com