Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 84 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 84 Page - NEC

Back Button UPD78044F Datasheet HTML 80Page - NEC UPD78044F Datasheet HTML 81Page - NEC UPD78044F Datasheet HTML 82Page - NEC UPD78044F Datasheet HTML 83Page - NEC UPD78044F Datasheet HTML 84Page - NEC UPD78044F Datasheet HTML 85Page - NEC UPD78044F Datasheet HTML 86Page - NEC UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 472 page
background image
84
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
Table 4-1:
Pin Input/Output Types (1/2)
Input/
Output
Pin
Name
Function
Alternate Function
After
Reset
Input/
Output
P00
Port 0
4-bit input/output port
Input/output mode can be specified bit-wise
If used an input port, a pull-up resistor can be connected by
software bit-wise
INTP0
Input
P01
INTP1
Input
P02
INTP2
Input
P03
CCLK
Input
Input
P10-P14
Port 1
5-bit input only port
AN10-AN17
Input
Output
P20
Port 2
8-bit output only port
SM11
Output
P21
SM12
Hi-z
P22
SM13
P23
SM14
P24
SM21
P25
SM22
P26
SM23
P27
SM24
Input/
Output
P34
Port 3
4 bit input/output port
Input/output mode can be specified bit-wise
TI50/TO50/S27
Input
P35
SCK30/S26
Input
P36
S030/S25
Input
P37
SI30/S24
Input
Input/
Output
P40-P47
Port 4
8-bit input/output port
Input/output mode can be specified bit-wise
This port can be used as a segment signal output port or an
I/O port, in an 8-bit unit setting the port function
S0-S7
Input
Output
P50
Port 5
8-bit output only port
SM31
Hi-z
P51
SM32
P52
SM33
P53
SM34
P54
SM41
P55
SM42
P56
SM43
P57
SM44
Input/
Output
P60
Port 6
6-bit input/output port
Input/output mode can be specified bit-wise
SGOF-SGO
Input
P61
SGOA-PCL
P62
RXD0
P63
TXD0
P64
TI20
P65
TI21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com