Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 93 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 93 Page - NEC

Back Button UPD78044F Datasheet HTML 89Page - NEC UPD78044F Datasheet HTML 90Page - NEC UPD78044F Datasheet HTML 91Page - NEC UPD78044F Datasheet HTML 92Page - NEC UPD78044F Datasheet HTML 93Page - NEC UPD78044F Datasheet HTML 94Page - NEC UPD78044F Datasheet HTML 95Page - NEC UPD78044F Datasheet HTML 96Page - NEC UPD78044F Datasheet HTML 97Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 472 page
background image
93
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.2.7 Port 6
Port 6 is an 6-bit input/output port with output latch. P60 to P65 pins can specify the input mode/output
mode in 1-bit units with the port mode register 6 (PM6). When P62 to P65 are used as input pins,
pull-up resistors can be connected bit-wise with the pull-up resistor option register (PU6).
The dual-function includes the asynchronous serial interface receive/transmit, the timer capture input of
TM2 and the sound generator output.
RESET input sets port 6 to input mode.
Figure 4-8 shows block diagrams of port 6.
Figure 4-8:
P60 to P65 Configurations
Remarks: 1. PM
: Port mode register
2. RD
: Port 6 read signal
3. WR
: Port 6 write signal
Note: Set output latch to 0 when dual function shall be applied to output.
Caution:
The pull-up option is not available for P60 and P61.
WRPM
WRPORT
RD
P60/SGOF/SGO,
P61/SGOA/PCL,
P62/RXD0,
Selector
Output Latch
P60 to P65
PM60 to PM65
P63/TXD0,
P64/TI20,
P65/TI21
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com