Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 19 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 19 Page - NEC

Back Button UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC UPD78044F Datasheet HTML 19Page - NEC UPD78044F Datasheet HTML 20Page - NEC UPD78044F Datasheet HTML 21Page - NEC UPD78044F Datasheet HTML 22Page - NEC UPD78044F Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 472 page
background image
19
User’s Manual U16504EE1V1UD00
Figure 20-3:
Interrupt Mask Flag Register Format......................................................................... 357
Figure 20-4:
Priority Specify Flag Register Format........................................................................ 358
Figure 20-5:
Formats of External Interrupt Rising Edge Enable Register
and External Interrupt Falling Edge Enable Register359
Figure 20-6:
Program Status Word Format ................................................................................... 360
Figure 20-7:
Flowchart from Non-Maskable Interrupt Generation to Acknowledge ...................... 361
Figure 20-8:
Non-Maskable Interrupt Request Acknowledge Timing ............................................ 362
Figure 20-9:
Non-Maskable Interrupt Request Acknowledge Operation ....................................... 362
Figure 20-10:
Interrupt Request Acknowledge Processing Algorithm ............................................. 364
Figure 20-11:
Interrupt Request Acknowledge Timing (Minimum Time).......................................... 365
Figure 20-12:
Interrupt Request Acknowledge Timing (Maximum Time)......................................... 365
Figure 20-13:
Multiple Interrupt Example (1/2) ................................................................................ 368
Figure 20-14:
Interrupt Request Hold .............................................................................................. 371
Figure 21-1:
Oscillation Stabilization Time Select Register Format............................................... 374
Figure 21-2:
Standby Timing ......................................................................................................... 374
Figure 21-3:
HALT Mode Clear upon Interrupt Generation ........................................................... 376
Figure 21-4:
HALT Mode Release by RESET Input ...................................................................... 377
Figure 21-5:
STOP Mode Release by Interrupt Generation .......................................................... 379
Figure 21-6:
Release by STOP Mode RESET Input...................................................................... 380
Figure 22-1:
Block Diagram of Reset Function .............................................................................. 381
Figure 22-2:
Timing of Reset Input by RESET Input ..................................................................... 382
Figure 22-3:
Timing of Reset due to Watchdog Timer Overflow.................................................... 382
Figure 22-4:
Timing of Reset Input in STOP Mode by RESET Input ............................................. 383
Figure 23-1:
Memory Size Switching Register Format .................................................................. 388
Figure 23-2:
Internal Expansion RAM Size Switching Register Format......................................... 389
Figure 23-3:
Self-Programming and Oscillation Control Register Format...................................... 390
Figure 23-4:
Transmission Method Selection Format .................................................................... 391
Figure 23-5:
Connection of using the 3-Wire SIO30 Method ......................................................... 393
Figure 23-6:
Connection of using the 3-Wire SIO30 Method with Handshake .............................. 393
Figure 23-7:
Connection of using the UART Method ..................................................................... 394
Figure 23-8:
Flash Self-Programming Mode Control Register Format .......................................... 395
Figure A-1:
Development Tool Configuration ............................................................................... 458



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com