Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 91 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 91 Page - NEC

Back Button UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC UPD78044F Datasheet HTML 89Page - NEC UPD78044F Datasheet HTML 90Page - NEC UPD78044F Datasheet HTML 91Page - NEC UPD78044F Datasheet HTML 92Page - NEC UPD78044F Datasheet HTML 93Page - NEC UPD78044F Datasheet HTML 94Page - NEC UPD78044F Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 472 page
background image
91
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.2.5 Port 4
This is an 8-bit input/output port with output latches. Input mode/output mode can be specified in 1-bit
units with the port mode register 4. When P40 to P47 are used as input pins, pull-up resistors can be
connected bit-wise with the pull-up resistor option register (PU4).
These pins are dual function pin and serve as segment signal output of LCD controller/driver.
RESET input sets the input mode.
The port 4 block diagram is shown in Figure 4-6.
Caution:
When used as segment lines, set the port function (PF4) according to its function.
Figure 4-6:
P40 to P47 Configurations
Remarks: 1. PUO
: Pull-up resistor option register
2. PM
: Port mode register
3. RD
: Port 4 read signal
4. WR
: Port 4 write signal
Notes: 1. Set output latch to 0 when dual function shall be applied to output.
2. Disable dual function when the comment of the output latch shall be applied to output.
WRPM
WRPORT
RD
P40/S7
to
P47/S0
Selector
Output Latch
(P40 to P47)
PM40 to PM47
Dual Function
Note 1
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com