Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 27 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 27 Page - NEC

Back Button UPD78044F Datasheet HTML 23Page - NEC UPD78044F Datasheet HTML 24Page - NEC UPD78044F Datasheet HTML 25Page - NEC UPD78044F Datasheet HTML 26Page - NEC UPD78044F Datasheet HTML 27Page - NEC UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 472 page
background image
27
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
1.5 Pin Configuration (Top View)
•
80-pin plastic QFP (14
× 14 mm)
µPD780824AGC(A)- xxx - 8BT, µPD780824AGC(A1)- xxx - 8BT, µPD780824AGC(A2)- xxx - 8BT
µPD780826AGC(A)- xxx - 8BT, µPD780826AGC(A1)- xxx - 8BT, µPD780826AGC(A2)- xxx - 8BT
µPD780828AGC(A)- xxx - 8BT, µPD780828AGC(A1)- xxx - 8BT, µPD780828AGC(A2)- xxx - 8BT
µPD78F0828AGC(A) - 8BT
Figure 1-1:
Pin Configuration
Cautions: 1. Connect IC (internally connected) pin directly to VSS.
2. AVDD pin should be connected to VDD.
3. AVSS pin should be connected to VSS.
Remark:
When these devices are used in applications, that require reduction of the noise, generated
from inside the microcontroller, the implementation of noise reduction measures, such as
connecting the VSS0 and VSS1 to different ground lines, is recommended.
S15/P80
S16/P97
S17/P96
S18/SI31/P95
S19/SO31/SIO31/P94
S20/SCK31/P93
S21/TPO/P92
S22/TIO51/P91
S23/TI22/P90
S24/SI30/P37
S25/SO30/P36
S26/SCK30/P35
S27/TIO50/P34
IC/Vpp
X1
X2
VSS0
VDD0
CTXD
CRXD
SMVSS
SMVDD
SM11/P20
SM12/P21
SM13/P22
SM14/P23
SM21/P24
SM22/P25
SM23/P26
SM24/P27
SM31/P50
SM32/P51
SM33/P52
SM34/P53
SM41/P54
SM42/P55
SM43/P56
SM44/P57
SMVDD
SMVSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
22 23 24 25 26 27 28 29 30
32 33 34 35 36 37 38 39 40
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
21
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com