Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 26 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 26 Page - NEC

Back Button UPD78044F Datasheet HTML 22Page - NEC UPD78044F Datasheet HTML 23Page - NEC UPD78044F Datasheet HTML 24Page - NEC UPD78044F Datasheet HTML 25Page - NEC UPD78044F Datasheet HTML 26Page - NEC UPD78044F Datasheet HTML 27Page - NEC UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 472 page
background image
26
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
1.3 Ordering Information
Remark:
xxx indicates ROM code suffix.
1.4 Quality Grade
Remark:
xxx indicates ROM code suffix.
Please refer to "Quality Grades on NEC Semiconductor Device" (Document No. C11531E) published
by NEC Corporation to know the specification of quality grade on the devices and its recommended
applications.
Part Number
Package
Internal ROM
µPD780824AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780824AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780824AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780826AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780826AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780826AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780828AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780828AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD780828AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Mask ROM
µPD78F0828AGC(A)-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Flash Memory
Part Number
Package
Quality Grade
µPD780824AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780824AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780824AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780826AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780826AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780826AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780828AGC(A)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780828AGC(A1)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD780828AGC(A2)-xxx-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special
µPD78F0828AGC(A)-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
Special



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com