Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 31 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 31 Page - NEC

Back Button UPD78044F Datasheet HTML 27Page - NEC UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 472 page
background image
31
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
1.7 Block Diagram
Figure 1-3:
Block Diagram
Remark:
The internal ROM and RAM capacity depends on the product.
S16/P97 - S23/P90
S23/P37 - S27/P34
COM0 - COM3
Port 0
LCD
Controller
driver
Standby Control
16-bit Timer TM2
3 x Capture with
Filter
78K/0
CPU
Core
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 8
TPO21/S21/P92
TI20/P64
TIO50/S27/P34
SCK30/S26/P35
SO30/S25/P36
SI30/S24/P37
Port 9
S0/P47 - S7/P40
S8/P87 - S15/P80
TI21/P65
TI22/S23/P90
8-bit Timer TM50
TIO51/S22/P91
8-bit Timer TM51
8-bit Timer TM52
Watch Timer
Serial Interface
SIO30 3-wire mode
RxD0/P62
TxD0/P63
UART0
PCL/SGOA/P61
Clock Output
Control
A/D Converter
ANI0/P10
-ANI4/P14
AVDD/AVREF
AVSS
Interrupt
Control
INTP0/P00
-INTP2/P02
RAM
DCAN
Interface
RAM
Interface
CRxD
CTxD
System
Control
4.0 V - 5.5 V
X1
X2
RESET
P00 - P03
P10 - P14
P20 - P27
P34 - P37
P40 - P47
P50 - P57
P60 - P65
P80 - P87
P90 - P97
VLCD
SM31/P50 - SM34/P53
SM41/P54 - SM44/P57
Meter
Controller/
Driver
SM11/P20 - SM14/P23
SM21/P24 - SM24/P27
SMVSS
SMVDD
SMVDD
SMVSS
Watchdog Timer
Power Fail
Detector
SGO/SGOF/P60
Sound Generator
Output
ROM
SCK31/S20/P93
SO31/SIO31/S19/P94
SI31/S18/P95
Serial Interface
SIO31
3-wire/2-wire mode
CCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com