Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 37 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 37 Page - NEC

Back Button UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC UPD78044F Datasheet HTML 39Page - NEC UPD78044F Datasheet HTML 40Page - NEC UPD78044F Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 472 page
background image
37
Chapter 2
Pin Function (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
2.2 Non-Port Pins
Table 2-2:
Non-Port Pins (1/2)
Pin Name
Input/Output
Function
After
Reset
Alternate
Function Pin
INTP0
Input
External interrupts with specifiable valid edges (ris-
ing edge, falling edge, both rising and falling edges)
Input
P00
INTP1
P01
INTP2
P02
SI30
Input
Serial interface serial data input
Input
P37/S24
SI31
Input
Serial interface serial data input
Input
P95/S18
SO30
Output
Serial interface serial data output
Input
P36/S25
SO31
Output
Serial interface serial data output
Input
P94/SIO31/S19
SCK30
Input, Output Serial interface serial clock input / output
Input
P35/S26
SCK31
Input, Output Serial interface serial clock input / output
Input
P93/S20
SIO31
Input, Output Serial interface serial data input / output
Input
P94/SO31/S19
RXD0
Input
Asynchronous serial interface data input
Input
P62
TXD0
Output
Asynchronous serial interface data output
Input
P63
CRXD
Input
CAN serial data input
Input
-
CTXD
Output
CAN serial data output
Output
-
TI20
Input
Capture trigger input
P64
TI21
Input
Capture trigger input
P65
TI22
Input
Capture trigger input
P90/S23
TI50
Input
External count clock input to 8-bit timer (TM50)
P34/TO50/S27
TI51
Input
External count clock input to 8-bit timer (TM51)
P91/TO51/S22
TP0
Output
16-bit timer output
Input
P92/S21
TO50
8-bit timer output (also used for PWM output)
P34/TI50/S27
TO51
8-bit timer output (also used for PWM output)
P91/TI51/S22
PCL
Output
Clock output (for main system clock trimming)
Input
P61/SGOA
S0-S7
Output
Segment signal output of LCD controller / driver
Input
P40-P47
S8-S15
P80-P87
S16-S17
P97-P96
S18
P95/SI31
S19
P94/SO31/SIO31
S20
P93/SCK31
S21
P92/TPO
S22
P91/TO51/TI51
S23
P90/TI22
S24
P37/SI30
S25
P36/SO30
S26
P35/SCK30
S27
P34/TO50/TI50
COM0-COM3 Output
Common signal output of LCD controller /driver
Output
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com