Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 29 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 29 Page - NEC

Back Button UPD78044F Datasheet HTML 25Page - NEC UPD78044F Datasheet HTML 26Page - NEC UPD78044F Datasheet HTML 27Page - NEC UPD78044F Datasheet HTML 28Page - NEC UPD78044F Datasheet HTML 29Page - NEC UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 472 page
background image
29
Chapter 1
Outline (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
1.6 78K/0 Series Expansion
The following shows the products organized according to usage.
The names in the parallelograms are subseries.
Figure 1-2:
78K/0 Series Expansion
Remark:
VFD (Vacuum Fluorescent Display) is referred to as FIPTM (Fluorescent Indicator Panel) in
some documents, but the functions of the two are the same.
PD78054 with IEBusTM controller
PD78054 with enhanced serial I/O
PD78078Y with enhanced serial I/O and limited function
PD78054 with timer and enhanced external interface
64-pin
64-pin
80-pin
PD780034A
PD780988
PD780034AY
µ
µ
µ
64-pin
PD780024A with expanded RAM
PD780024A with enhanced A/D converter
µ
µ
On-chip inverter control circuit and UART. EMI-noise reduced.
PD78064
PD78064B
PD780308
100-pin
100-pin
100-pin
PD780308Y
PD78064Y
80-pin
78K/0
Series
LCD drive
PD78064 with enhanced SIO, and expanded ROM and RAM
EMI-noise reduced version of the PD78064
Basic subseries for driving LCDs, on-chip UART
Bus interface supported
µ
µ
µ
µ
µ
µ
µ
µ
PD78083
On-chip UART, capable of operating at low voltage (1.8 V)
µ
42/44-pin
PD78018F with enhanced serial I/O
µ
µ
80-pin
100-pin
100-pin
Products in mass production
Products under development
Y subseries products are compatible with I2C bus.
ROMless version of the PD78078
µ
100-pin
µ
µ
100-pin
EMI-noise reduced version of the PD78078
µ
Inverter control
PD780208
100-pin
VFD drive
PD78044F with enhanced I/O and VFD C/D. Display output total: 53
µ
µ
PD780208
µ
PD78098B
µ
100-pin
PD780024A
PD780024AY
µ
µ
80-pin
80-pin
PD780852
PD780828A
µ
µ
For automobile meter driver. On-chip CAN controller
100-pin
PD780958
µ
For industrial meter control
On-chip automobile meter controller/driver
Meter control
80-pin
On-chip IEBus controller
80-pin
On-chip controller compliant with J1850 (Class 2)
PD780833Y
µ
PD780948
On-chip CAN controller
µ
64-pin
PD780078
PD780078Y
µ
µ
PD780034A with timer and enhanced serial I/O
PD780058
PD780058Y
µ
µ
PD78070A
PD78070AY
PD78078
PD78078Y
PD780018AY
µ
µ
µ
µ
µ
Control
PD78075B
µ
PD780065
µ
µ
PD78044H
PD780232
80-pin
80-pin
For panel control. On-chip VFD C/D. Display output total: 53
PD78044F with N-ch open-drain I/O. Display output total: 34
µ
µ
PD78044F
80-pin
Basic subseries for driving VFD. Display output total: 34
µ
µ
120-pin
PD780308 with enhanced display function and timer. Segment signal output: 40 pins max.
PD780318
PD780328
120-pin
120-pin
PD780308 with enhanced display function and timer. Segment signal output: 32 pins max.
PD780308 with enhanced display function and timer. Segment signal output: 24 pins max.
µ
µ
PD780338
µ
µ
µ
µ
On-chip CAN controller
Specialized for CAN controller function
80-pin
PD780703Y
µ
PD780702Y
µ
64-pin
PD780816
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com