Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 96 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 96 Page - NEC

Back Button UPD78044F Datasheet HTML 92Page - NEC UPD78044F Datasheet HTML 93Page - NEC UPD78044F Datasheet HTML 94Page - NEC UPD78044F Datasheet HTML 95Page - NEC UPD78044F Datasheet HTML 96Page - NEC UPD78044F Datasheet HTML 97Page - NEC UPD78044F Datasheet HTML 98Page - NEC UPD78044F Datasheet HTML 99Page - NEC UPD78044F Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 472 page
background image
96
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.3 Port Function Control Registers
The following three types of registers control the ports.
• Port mode registers (PM0, PM2 to PM6, PM8, PM9)
• Pull-up resistor option register (PU0, PU3, PU4, PU6, PU8, PU9)
• Port function registers (PF3, PF4, PF8, PF9)
(1)
Port mode registers (PM0, PM2 to PM6, PM8, PM9)
These registers are used to set port input/output in 1-bit units.
PM0, PM2 to PM6, PM8 and PM9 are independently set with a 1-bit or 8-bit memory manipulation
instruction.
RESET input sets registers to FFH.
When port pins are used as alternate-function pins, set the port mode register and output latch
according to the function.
Cautions: 1. Pins P10 to P14 are input-only pins.
2. As port 0 has an alternate function as external interrupt request input, when the
port function output mode is specified and the output level is changed, the inter-
rupt request flag is set. When the output mode is used, therefore, the interrupt
mask flag should be set to 1 beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com