Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 77 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 77 Page - NEC

Back Button UPD78044F Datasheet HTML 73Page - NEC UPD78044F Datasheet HTML 74Page - NEC UPD78044F Datasheet HTML 75Page - NEC UPD78044F Datasheet HTML 76Page - NEC UPD78044F Datasheet HTML 77Page - NEC UPD78044F Datasheet HTML 78Page - NEC UPD78044F Datasheet HTML 79Page - NEC UPD78044F Datasheet HTML 80Page - NEC UPD78044F Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 472 page
background image
77
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.4.4 Short direct addressing
The memory to be manipulated in the fixed space is directly addressed with 8-bit data in an instruction
word.
The fixed space to which this addressing is applied to is the 256-byte space, from FE20H to FF1FH. An
internal high-speed RAM and a special function register (SFR) are mapped at FE20H to FEFFH and
FF00H to FF1FH, respectively.
The SFR area where short direct addressing is applied (FF00H to FF1FH) is a part of the SFR area. In
this area, ports which are frequently accessed in a program, a compare register of the timer/event
counter, and a capture register of the timer/event counter are mapped and these SFRs can be manipu-
lated with a small number of bytes and clocks.
When 8-bit immediate data is at 20H to FFH, bit 8 of an effective address is set to 0. When it is at 00H
to 1FH, bit 8 is set to 1. Refer to Figure 3-21 below.
Operand format
Figure 3-21:
Short direct addressing
(a) Description example
MOV 0FE30H, #50H; when setting saddr to FE30H and immediate data to 50H.
(b) Illustration
Table 3-9:
Short direct addressing
Identifier
Description
saddr
Label of FE20H to FF1FH immediate data
saddrp
Label of FE20H to FF1FH immediate data (even address only)
Operation code
00010001
OP code
00110000
30H (saddr-offset)
01010000
50H (immediate data)
When 8-bit immediate data is 20H to FFH,
= 0
When 8-bit immediate data is 00H to 1FH,
= 1
15
0
Short Direct Memory
Effective Address
1
111111
87
0
7
OP code
saddr-offset
α
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com