Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 57 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 57 Page - NEC

Back Button UPD78044F Datasheet HTML 53Page - NEC UPD78044F Datasheet HTML 54Page - NEC UPD78044F Datasheet HTML 55Page - NEC UPD78044F Datasheet HTML 56Page - NEC UPD78044F Datasheet HTML 57Page - NEC UPD78044F Datasheet HTML 58Page - NEC UPD78044F Datasheet HTML 59Page - NEC UPD78044F Datasheet HTML 60Page - NEC UPD78044F Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 472 page
background image
57
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.1.2 Internal data memory space
The µPD780828A Subseries units incorporate the following RAMs.
(1)
Internal high-speed RAM
The 32-byte area FEE0H to FEFF is allocated with four general purpose register banks composed
of eight 8-bit registers.
The internal high-speed RAM has to be used as stack memory.
(2)
LCD-Display RAM
Buffer RAM is allocated to the 28 x 4 bits area from FA64H to FA7FH. LCD-Display RAM can also
be used as normal RAM.
(3)
Internal expansion RAM (including sharing with DCAN)
3.1.3 Special function register (SFR) area
An on-chip peripheral hardware special function register (SFR) is allocated in the area FF00H to
FFFFH. (Refer to Table 3-5, “Special Function Register List,” on page 67).
Caution:
Do not access addresses where the SFR is not assigned.
Table 3-3:
Internal high-speed RAM
Device
Internal High Speed RAM
µPD780824A
1024 x 8 bits (FB00H to FEFFH)
µPD780826A
1024 x 8 bits (FB00H to FEFFH)
µPD780828A
1024 x 8 bits (FB00H to FEFFH)
µPD78F0828A
1024 x 8 bits (FB00H to FEFFH)
Table 3-4:
Internal expansion RAM (including sharing with DCAN)
Device
Internal Expansion RAM
µPD780824A
480 x 8 bits (F600H to F7DFH)
µPD780826A
480 x 8 bits (F600H to F7DFH)
µPD780828A
2016 x 8 bits (F000H to F7DFH)
µPD78F0828A
2016 x 8 bits (F000H to F7DFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com