Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 87 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 87 Page - NEC

Back Button UPD78044F Datasheet HTML 83Page - NEC UPD78044F Datasheet HTML 84Page - NEC UPD78044F Datasheet HTML 85Page - NEC UPD78044F Datasheet HTML 86Page - NEC UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC UPD78044F Datasheet HTML 89Page - NEC UPD78044F Datasheet HTML 90Page - NEC UPD78044F Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 472 page
background image
87
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.2.1 Port 0
Port 0 is an 4-bit input/output port with output latch. P00 to P03 pins can specify the input mode/output
mode in 1-bit units with the port mode register 0 (PM0). When P00 to P03 pins are used as input pins,
a pull-up resistor can be connected to them bit-wise with the pull-up resistor option register (PUm).
Dual-function includes external interrupt request input and the external clock input for the DCAN
peripheral.
RESET input sets port 0 to input mode.
Figure 4-2 shows block diagram of port 0.
Caution:
Because port 0 also serves for external interrupt request input, when the port func-
tion output mode is specified and the output level is changed, the interrupt request
flag is set. Thus, when the output mode is used, set the interrupt mask flag to 1, in
order to avoid an factorized interrupt.
Figure 4-2:
P00 to P03 Configurations
Remarks: 1. PU0
: Pull-up resistor option register
2. PM
: Port mode register
3. RD
: Port 0 read signal
4. WR
: Port 0 write signal
P-ch
WRPM
WRPORT
RD
WRPUO
VDD
P00/INTP0,
P01/INTP1,
P02/INTP2,
P03/CCLK
Selector
PU0
Output Latch
(P00 to P03)
PM00 to PM03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com