Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 85 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 85 Page - NEC

Back Button UPD78044F Datasheet HTML 81Page - NEC UPD78044F Datasheet HTML 82Page - NEC UPD78044F Datasheet HTML 83Page - NEC UPD78044F Datasheet HTML 84Page - NEC UPD78044F Datasheet HTML 85Page - NEC UPD78044F Datasheet HTML 86Page - NEC UPD78044F Datasheet HTML 87Page - NEC UPD78044F Datasheet HTML 88Page - NEC UPD78044F Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 472 page
background image
85
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
Input/
Output
P80-P87
Port 8
8-bit input/output port
Input/output mode can be specified bit-wise
If used an input port, a pull-up resistor can be connected by
software
This port can be used as a segment signal output port or an
I/O port, in an 1-bit units by setting the port function
S15-S8
Input
Input/
Output
P90
Port 9
8-bit input/output port
Input/output mode can be specified bit-wise
This port can be used as a segment signal output port or an
I/O port, in an 1-bit units by setting the LCD control register
TI22/S23
Input
P91
TO51/TI51/S22
P92
TP0/S21
P93
SCK31/S20
P94
SO31/SIO31/S19
P95
SI31/S18
P96
S17
P97
S16
Table 4-1:
Pin Input/Output Types (2/2)
Input/
Output
Pin
Name
Function
Alternate Function
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com