Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 42 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 42 Page - NEC

Back Button UPD78044F Datasheet HTML 38Page - NEC UPD78044F Datasheet HTML 39Page - NEC UPD78044F Datasheet HTML 40Page - NEC UPD78044F Datasheet HTML 41Page - NEC UPD78044F Datasheet HTML 42Page - NEC UPD78044F Datasheet HTML 43Page - NEC UPD78044F Datasheet HTML 44Page - NEC UPD78044F Datasheet HTML 45Page - NEC UPD78044F Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 472 page
background image
42
Chapter 2
Pin Function (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
2.3.8 P80 to P87 (Port 8)
These are 8-bit input/output ports. Besides serving as input/output ports, they function as segment
signal output pins of the LCD controller/driver.
The following operating modes can be specified bit-wise or byte-wise.
(1)
Port mode
These ports function as 8-bit input/output ports. They can be specified bit-wise as input or output
ports with port mode register 8.
(2)
Control mode
These ports function as segment output signal pins (S8 to S15) of the LCD controller/driver.
2.3.9 P90 to P97 (Port 9)
These are 8-bit input/output ports. Besides serving as input/output ports, they function as segment sig-
nal output pins of the LCD controller/driver, timer input/output and as input/output of the serial interface.
The following operating modes can be specified bit-wise or byte-wise.
(1)
Port mode
These ports function as 8-bit input/output ports. They can be specified bit-wise as input or output
ports with port mode register 9.
(2)
Control mode
These ports function as timer input/output, timer capture input, as timer output and as LCD seg-
ment output.
(a) TI22
Pin for external capture trigger input to the 16-bit timer capture register of TM2.
(b) TPO
Pin for output of the 16-bit timer (TM2).
(c) TI51
Pin for external count clock input to 8-bit timer/event counter.
(d) TO51
Pin for output of the 8-bit timer/event counter.
(e) S16 to S23
Pins for segment output signals of the LCD controller/driver.
(f) SCK31
Serial interface serial clock input/output pin.
(g) SI31, SO31, SIO31
Serial interface serial data input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com