Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 18 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 18 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology ECE1200 Datasheet HTML 21Page - Microchip Technology ECE1200 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
ECE1200
DS00003093C Draft-page 18
 2018-2021 Microchip Technology Inc.
3.5
Clocks
The following section defines the clocks that are generated and derived.
3.5.1
CLOCK SOURCES
The table defines raw clocks that are either generated externally or via an internal oscillator.
Note 3-1
The SUSCLK input from the Chipset may not be at a valid 32 kHz frequency until some period of
time after the deassertion of RSMRST#. See chipset specification for the actual timing.
Note 3-2
The internal 48 MHz Ring Oscillator acquires a frequency lock referenced to the external 32kHz clock
source. It is not externally presented, but it is the basis of the LPC_CLK outputs when they are
enabled.
3.5.2
GENERATED CLOCK OUTPUTS
This section describes clocks generated by the ECE1200 that may be used by the external system.
3.6
Resets
TABLE 3-3:
SOURCE CLOCK DEFINITIONS
Clock Name
Frequency
Description
Source
SUSCLK
32.768 kHz
32.768 kHz Suspend Well Clock
input.
Used to generate 48MHz internal
clocking, and the 24MHz LPC Clock.
From Host Chipset. Note that this
clock may be running before VTR
voltages are present.
eSPI_CLK
20--50 MHz
eSPI Transfer Clock, asynchronous
to all others. Only runs during active
transfers.
From Host Chipset.
TABLE 3-4:
GENERATED CLOCK DEFINITIONS
Clock Name
Frequency
Description
Source
48 MHz Ring
Oscillator
48 MHz
Multiplied up from 32KHz input
SUSCLK
LPC_CLK[1:0]
24 MHz
System clock outputs for LPC, Serial
IRQ and CLKRUN#
48 MHz Ring Oscillator
TABLE 3-5:
DEFINITION OF RESET SIGNALS
Reset
Description
Source
RESETI#
External Pin that serves as the VTR POR event
when pulsed low. Resets the entire device.
Pin Input
Intended to come from system RSMRST#.
eSPI_RESET#
Reset signal associated with the eSPI interface.
Restarts the eSPI interface if pulsed low. Will be
held low by the system while RESETI#
(RSMRST#) is low, and rises after the rising
edge of RESETI#.
Pin Input
Intended to come from system eSPI_RESET#.
PLTRST#
Platform Reset.
Pin Input
Intended to come from system PLTRST#,
serving also as system LRESET# /
PCI_RESET#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com