Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 16 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 12Page - Microchip Technology ECE1200 Datasheet HTML 13Page - Microchip Technology ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
ECE1200
DS00003093C Draft-page 16
 2018-2021 Microchip Technology Inc.
3.0
POWER, CLOCKS, AND RESETS
3.1
Introduction
This Power, Clocks, and Resets (PCR) chapter identifies all the power supplies, clock sources, and reset inputs to the
chip and defines all the derived power, clock, and reset signals. In addition, this section identifies Power, Clock, and
Reset events that may be used to generate an interrupt event, as well as, the Chip Power Management Features.
3.2
References
No references have been cited for this chapter.
3.3
Interrupts
The Power, Clocks, and Resets logic generates no interrupt events to the Host system.
3.4
Power
3.4.1
POWER SOURCES
Table 3-1 lists the pins from which the ECE1200 draws current. These current values are defined in Section 8.3, "Power
Consumption," on page 63.
Timing sequences between these power rails are given in Section 9.5.1, "VTR Sequencing and RESETI# Timing," on
page 70.
TABLE 3-1:
POWER SOURCE DEFINITIONS
Power Well
Nominal
Voltage
Description
Source
VTR_33
3.3V
3.3V I/O Power Supply
This supply is used to power the 3.3V I/O pins.
It is to be connected to the “Always-on” /
“Suspend” / ”S5” supply rails in system. There is
no need to connect it to a deeper power well,
such as the Deep Sleep Well, even if that is what
powers the downstream LPC device(s).
This supply must be on prior to the RESETI# sig-
nal being deasserted (system RSMRST#).
Pin Interface
VTR_18
1.8V
1.8V I/O Power Supply
This supply is used to power the 1.8V I/O pins.
It is to be connected to the 1.8V “Always-on” /
“Suspend” / ”S5” supply rails in system. There is
no need to connect it to a deeper power well,
such as the Deep Sleep Well, even if that is what
powers the downstream LPC device(s).
This supply must be on prior to the RESETI# sig-
nal being deasserted (system RSMRST#).
Pin Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com