| Electronic Components Datasheet Search |
|
ECE1200 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ECE1200 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 87 page ![]() ECE1200 DS00003093C Draft-page 8 2018-2021 Microchip Technology Inc. 1.1.4 SYSTEM BLOCK DIAGRAM, ECE1200 AS SECONDARY ESPI SLAVE Note 1: This configuration has two eSPI Slaves. The ECE1200 is the Secondary Slave device, with some limitations imposed by the Host PCH. It can receive any of the fixed Legacy decodes, but may have only one Generic I/O decode range and one Generic Memory decode range available to it from the PCH. 2: Each eSPI Slave has an individual eSPI_CS# input, and will be configured by the PCH hardware (as directed by its Soft-Straps) to present its ALERT# events on its individual eSPI_ALERT# output pin. 3: The Primary eSPI Slave device will have the EC functionality, and will provide the mandatory eSPI hand- shaking. The pin BOOT_DONE, strapped permanently low, inhibits these actions by the ECE1200. ECE1200 SIO or I/O Expander PCH PME# LPC_EN RSMRST# SLP_S3# SLP_S4# SLP_S5# SCI# SMI# SLP_LAN# SLP_WLAN# C o n n e c t o r Expansion Module Baseboard LPC ESPI Bus LPC Debug Header eSPI Embedded Controller Type‐C Port Controller I2C RESETI# Flash SPI BOOT_DONE PLTRST# SUS_STAT# RSMRST# SUSCLK eSPI_CS1# eSPI_CS0# (Primary Slave) (Secondary Slave) Virtual or Physical PCH To/From Primary Slave eSPI_CS# eSPI_CS# LPCPD# SUSWARN# eSPI_ALERT1# ESPI Bus eSPI_ALERT0# eSPI_ALERT# eSPI_ALERT# LRESET# (opt. to GPIO) HOST_RST_ACK (n/c typ) X SUSACK# (recommended) ESPI Bus SUSWARN# SUSACK# Note 1 Note 2 Note 3 Note 4 Note 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |