Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 64 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 64 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
ECE1200
DS00003093C Draft-page 64
 2018-2021 Microchip Technology Inc.
7
LPC Unpowered; Sub-S0 state:
LPC_EN low, eSPI Active.
VTR_33
0.0
uA
VTR_18
2.3
uA
VTR_CORE_18
1.0
mA
8
LPC Unpowered, eSPI Reset:
eSPI_RESET# low and RESETI# high
(Transient State)
VTR_33
0.0
uA
VTR_18
2.3
uA
VTR_CORE_18
3.2
mA
9
Full Chip Reset (RESETI# low)
VTR_33
0.0
uA
VTR_18
0.0
uA
VTR_CORE_18
2.7
uA
TABLE 8-10:
SUPPLY CURRENT (CONTINUED)
Case
Device State
Supply Rail
Typical
(nom V,
25° C)
Max
(max V,
70° C)
Max
(max V,
85° C)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com