Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 70 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 70 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology ECE1200 Datasheet HTML 69Page - Microchip Technology ECE1200 Datasheet HTML 70Page - Microchip Technology ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
ECE1200
DS00003093C Draft-page 70
 2018-2021 Microchip Technology Inc.
9.5
Voltage Sequencing and Power Good Timing
9.5.1
VTR SEQUENCING AND RESETI# TIMING
9.6
Strap Option Sampling Timing
The ESPI_STRAP_0 and ESPI_STRAP_1 pins are sampled and latched internally for test purposes. It is recommended
that they be left floating or N/C except in XNOR Chain test mode, so that internal weak pull-ups can pull them high to
the VTR_33 level.
9.7
System Power State Transition Diagrams
The following set of diagrams illustrates the behavior of the ECE1200 during transitions in the system-level power state.
TABLE 9-6:
VTR TIMING
Parameters
Symbol
MIN
TYP
MAX
Unit
Notes
VTR_33 > 1.8V to VTR_18 or
VTR_CORE_18 On
t1
0
ns
VTR_18 and VTR_CORE_18 Off to VTR_33
< 1.8V
t2
0
ns
All VTR voltages valid to RESETI# high
t3
10
ms
Note:
RESETI# low to any VTR voltage invalid
t4
0
ns
Note:
Note:
RESETI# must remain low and must not glitch during VTR power presentation / removal.
TABLE 9-7:
GENERIC STRAP OPTION SAMPLING TIMING
Parameters
Symbol
MIN
TYP
MAX
Units
Notes
ESPI_STRAP_[1:0] pins setup to
RESETI# Rising Edge
tSTRAPSET
500
us
ESPI_STRAP_[1:0] pins hold from
RESETI# Rising Edge
tSTRAPHOLD
0us
VTR_33
VTR_CORE_18
VTR_18
t1
1.8V
3.3V
1.8V
t2
RESETI#
t3
t4
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com