Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 22 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology ECE1200 Datasheet HTML 21Page - Microchip Technology ECE1200 Datasheet HTML 22Page - Microchip Technology ECE1200 Datasheet HTML 23Page - Microchip Technology ECE1200 Datasheet HTML 24Page - Microchip Technology ECE1200 Datasheet HTML 25Page - Microchip Technology ECE1200 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
ECE1200
DS00003093C Draft-page 22
 2018-2021 Microchip Technology Inc.
4.5.2
SYNC FIELD HANDLING
The SYNC field in an LPC transfer provides status for each byte transferred. The LPC Interface recognizes only the
following SYNC encodings:
4.5.2.1
Wait SYNCs on LPC
Both Long Wait and Short Wait SYNC responses are handled identically, expecting either the Ready or Error SYNC
code to appear. The ECE1200 device does not impose a time-out, leaving that to the Host Chipset.
4.5.2.2
Unclaimed LPC Cycle
An unclaimed LPC cycle is detected if no recognized SYNC code is seen after 3 clocks, or if an unrecognized SYNC
code is detected after Wait SYNCs. This will terminate the current byte by the ABORT mechanism, and all subsequent
byte transfers from the same eSPI transfer will be abandoned. The result reported over eSPI will be determined based
on the type of eSPI transfer:
Non-Posted (I/O Read, I/O Write or Memory Read):
UNSUCCESSFUL COMPLETION, and other reporting as programmed in the Unclaimed Non-Posted Error Handling
Register, Section 6.9.4, on page 40.
Posted (Memory Write only):
as programmed in the Unclaimed Posted Error Handling Register, Section 6.9.8, on page 42.
UNSUCCESSFUL COMPLETION is not a possible response to a Posted transfer.
See Section 4.8, "Error Reporting and Logging Registers," on page 24 for details of error posting and logging within the
ECE1200.
4.5.2.3
Error (Abort) SYNC
An LPC cycle that is claimed, but is then terminated by the Error SYNC code, will terminate the current byte, and all
subsequent byte transfers from the same eSPI transfer. The result reported over eSPI will be determined based on the
type of eSPI transfer:
Non-Posted (I/O Read, I/O Write or Memory Read):
UNSUCCESSFUL COMPLETION, and other reporting as programmed in the Sync Abort Non-Posted Error Handling
Register, Section 6.9.5, on page 41
Posted (Memory Write only):
as programmed in the Sync Abort Posted Error Handling Register, Section 6.9.9, on page 42.
UNSUCCESSFUL COMPLETION is not a possible response to a Posted transfer.
See Section 4.8, "Error Reporting and Logging Registers," on page 24 for details of error posting and logging within the
ECE1200.
TABLE 4-3:
SYNC FIELD ENCODINGS RECOGNIZED
SYNC Code
Interpretation
0000
Ready
0101
Short Wait
0110
Long Wait
1010
Error
other
Unrecognized, considered Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com