Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 82 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 82 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 78Page - Microchip Technology ECE1200 Datasheet HTML 79Page - Microchip Technology ECE1200 Datasheet HTML 80Page - Microchip Technology ECE1200 Datasheet HTML 81Page - Microchip Technology ECE1200 Datasheet HTML 82Page - Microchip Technology ECE1200 Datasheet HTML 83Page - Microchip Technology ECE1200 Datasheet HTML 84Page - Microchip Technology ECE1200 Datasheet HTML 85Page - Microchip Technology ECE1200 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
ECE1200
DS00003093C Draft-page 82
 2018-2021 Microchip Technology Inc.
9.7.12
SHALLOW PLTRST# RESET (WITHOUT POWER CYCLE)
FIGURE 9-12:
SHALLOW PLTRST# RESET (WITHOUT POWER CYCLE)
LPC_EN
(pin in)
3.3V
SUS_STAT#
(VWire Down
to pin out)
3.3V
LAD[3:0],
SERIRQ
3.3V
Running
3.3V
CLKRUN#
S0, Running
Running
SUSCLK
32KHz
3.3V
LPC_CLK[1:0]
3.3V
HOST_RESET_WARN
(VWire Down)
HOST_RESET_ACK
(VWire Up from Primary
or pin from Secondary)
Kept Running
Running
(CLKRUN bits reset)
PLTRST#
(pin in)
3.3V
Reset occurs, but there is
no edge in this case.
from PCH
Reset internally, float
Running
eSPI Bus
1.8V
Bypass
CLKRUN_CTL
bits.
No Change in Power State: LPC Bus and SERIRQ Running, and Clocks On
Driven low
Running
(LPC / SERIRQ Traffic)
Forced low
eSPI Requests done but an LPC
Mem Write may be in progress.
Wait for LPC done. No error report.
Issue Continuous Mode frame on
SERIRQ and wait for it to end.
Then send ACK rising edge.
Idle, potentially
driven
LFRAME#
3.3V
Running
Host CPU and
Main-Powered
Resources Reset, but
Main Power Rails On
Idle, driven
inactive
Initially low
(CLKRUN_CTL
bits bypassed)
S0, Reset
A
Continue to
Point
in Bring-Up
Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com