Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 42 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 42 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
ECE1200
DS00003093C Draft-page 42
 2018-2021 Microchip Technology Inc.
6.9.8
UNCLAIMED POSTED ERROR HANDLING REGISTER
6.9.9
SYNC ABORT POSTED ERROR HANDLING REGISTER
6.9.10
IOCHK POSTED ERROR HANDLING REGISTER
Index
0Dh
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for an unclaimed Posted LPC transfer
(Memory Write).
0h = No action (ignore)
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST
Index
0Eh
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for an explicit ABORT Sync code received
during a Posted LPC transfer (Memory Write).
0h = No action (ignore)
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST
Index
10h
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for IOCHK# received during a Posted LPC
transfer (Memory Write).
0h = No action (ignore)
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com