Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 62 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 62 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
ECE1200
DS00003093C Draft-page 62
 2018-2021 Microchip Technology Inc.
8.2.4
ESPI PIN TYPE DC ELECTRICAL CHARACTERISTICS
The DC specifications for eSPI pins are found in the Intel eSPI Interface Base Specification. See Section 5.2, "Refer-
ences," on page 25 for the eSPI document references.
8.2.5
DIO PIN TYPE DC ELECTRICAL CHARACTERISTICS
The specifications for the DIO Digital 3.3V I/O pins are listed here.
Note 8-2
The Input Leakage specification applies both to inputs and to hi-Z outputs.
8.2.5.1
Backdrive Tolerance
Only the SUSCLK input is specified as Backdrive Tolerant, and its characteristic is given below.
8.2.6
THERMAL CHARACTERISTICS
TABLE 8-6:
DIO DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Notes
Input High Voltage
VIHI
2.0
V
Input Low Voltage
VILI
0.8
V
Input Leakage Current
IIH
+/- 10
uA
Note 8-2
Schmitt Hysteresis
VHYS
400
mV
Output High Voltage
VOH
IOH = -8mA
2.4
V
Output Low Voltage
VOL
IOL = 8mA
0.4
V
Input Pin Capacitance
CIN
20
pF
TABLE 8-7:
SUSCLK BACKDRIVE CHARACTERISTIC
(TA = 0oC to +85oC)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
Input Leakage
IIL
-2
+12.3
µA
VIN=3.47V, and all VTR=0V
Note:
These values are PRELIMINARY, pending characterization.
TABLE 8-8:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min.
Typical
Max.
Unit
Industrial Temperature Device
Operating Junction Temperature Range
TJ
—
—
+125
°C
Operating Ambient Temperature Range - Industrial
TA
-40
—
+85
°C
Internal Chip Power Dissipation
(using VTR = VTR_CORE_18 pin):
PINT = VTR x IVTR from Table 8-10 and Table 8-3
(e.g., 1.89V x 0.9mA = 1.7mW)
PD
PINT + PI/O
W
I/O Pin Power Dissipation
(each pin using its VTR level VTR_33 or VTR_18):
I/O = Sum (({VTR– VOH} x IOH) + Sum (VOL x IOL))
Maximum Allowed Power Dissipation
(considering ambient air only)
PDMAX
(TJ – TA)/
JA
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com