Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 81 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 81 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 77Page - Microchip Technology ECE1200 Datasheet HTML 78Page - Microchip Technology ECE1200 Datasheet HTML 79Page - Microchip Technology ECE1200 Datasheet HTML 80Page - Microchip Technology ECE1200 Datasheet HTML 81Page - Microchip Technology ECE1200 Datasheet HTML 82Page - Microchip Technology ECE1200 Datasheet HTML 83Page - Microchip Technology ECE1200 Datasheet HTML 84Page - Microchip Technology ECE1200 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 81
ECE1200
9.7.11
TEARDOWN DUE TO GLOBAL RESET (BROWNOUT / LPC_EN LOSS)
FIGURE 9-11:
TEARDOWN DUE TO GLOBAL RESET (BROWNOUT / LPC_EN LOSS)
LPC_EN
(pin in)
3.3V
SUS_STAT#
(VWire Down
to pin out)
3.3V
1.8V
3.3V
CLKRUN#
Idle
Sub-S5, Hot
Running
SUSCLK
32KHz
3.3V
LPC Clock Gates
3.3V
Inhibited (LPC_EN low)
HOST_C10
(VWire Down)
on PLTRST#
reset domain
Oscillator Enable
(Internal)
HOST_RESET_WARN
(VWire Down)
PLTRST#
(pin in)
3.3V
Running
48MHz
Oscillator
(Internal)
y_
(
)
Illustration: From S0ix Connected Standby
LFRAME#
LAD[3:0],
SERIRQ
3.3V
Idle
Off
S0ix
eSPI_CS#
pin. eSPI bus
Oscillator Locked
(Internal)
No Lock
Locked
Directly reset,
in Chipset and device.
eSPI_RESET#
(pin in)
3.3V
(combinational, near simultaneous)
By resetting
config bits.
RESETI#
(pin in)
3.3V
(Surprise loss of valid Vcc Power)
Directly reset,
in Chipset and device.
B
Continue to Point
in Bring-Up Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com