Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 38 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 38 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
ECE1200
DS00003093C Draft-page 38
 2018-2021 Microchip Technology Inc.
The slots INTA# through INTD# are disabled by default, but may be assigned an IRQ number over eSPI using registers
in Logical Device 00h, at indexes B8h through BBh. Levels on these slots are simply propagated to the PCH on the
designated eSPI IRQ Virtual Wires, and the processing of them is left to the APIC block of the PCH and the ISRs
attached to them.
The SMI# and IOCHK# slots are optional and disabled by default, but may be enabled as desired.
• SMI# will be transmitted over eSPI always as the SMI# Virtual Wire. Use SERIRQ Exception Enables Register in
Logical Device 01h to enable the Serial IRQ slot.
• The IOCHK# slot can be attached to any one of four Virtual Wires for error handling. Use SERIRQ Exception
Enables Register in Logical Device 01h to enable the slot, and Global registers IOCHK Non-Posted Error Han-
dling Register, IOCHK Posted Error Handling Register and IOCHK Idle Error Handling Register to configure the
handling for IOCHK# occurring within a Non-Posted transfer, a Posted transfer, or neither (LPC idle), respectively.
6.8.5
SELECT LPC CLOCK OUTPUTS
By default, both LPC Clock outputs are running. To save power, it is possible to turn off an Enable bit provided for each
output. A disabled clock is unaffected by the CLKRUN# feature, and remains held low. See the Clock Enable Register
in the Logical Device 01h register space.
6.8.6
SET UP OPTIONAL CLKRUN# CLOCK GATING
By default, any LPC Clock pin that remains enabled (above) is free-running. To optionally allow the CLKRUN# function
to gate them during idle LPC and SERIRQ times, it is necessary to:
1.
Designate whether each pin will be controlled by CLKRUN#, using bits in the Clock Enable Register in the Logical
Device 01h register space.
2.
Enable the CLKRUN# feature itself in the CLKRUN Control Register in the Logical Device 01h register space.
Until this is done, the CLKRUN# pin is held low, and the designated LPC clock output(s) will not be gated.
For CLKRUN# gating to operate, it is also necessary for the Serial IRQ feature to be set to Quiet Mode. Until this is
done, the CLKRUN# pin will remain low and clocks will not be gated.
6.8.7
SET UP OPTIONAL LPC ERROR HANDLING
The various errors that may be signaled in LPC traffic may be routed over eSPI. These are “Unclaimed” (which includes
invalid SYNC codes) and “SYNC Abort”, which is an error occurring in a Claimed cycle.
In eSPI terms, “Non-Posted” traffic (I/O Read or Write, and Memory Read) will unconditionally provide the eSPI UNSUC-
CESSFUL COMPLETION response on these errors, and this may be enough.
However, “Posted” traffic (Memory Write) does not have the opportunity to respond this way. If error indications are
required, this must be done asynchronously using a Virtual Wire.
Therefore, an LPC error condition may be attached to a Virtual Wire for reporting of Posted errors. Non-Posted errors
may also be attached to Virtual Wires in addition to the UNSUCCESSFUL COMPLETION response. The Virtual Wire
may be selected as either ERROR_FATAL, ERROR_NONFATAL, SMI# or SCI#.
See the Global register set, indexes 08h through 10h for these settings. By default, no Virtual Wire handlings are
selected.
Errors are reported in the Global registers at indexes 12h and 13h. These registers are where polling for errors occurs
and where they can be acknowledged / cleared.
In addition, there is a group of logging registers in Logical Device 01h, indexes F2h through F8h, where the LPC error
type, the LPC address and the access type (Read vs.Write, and I/O vs. Memory) are captured. These registers are not
cleared on PLTRST events, so they may be read after a system restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com