Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 11 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 7Page - Microchip Technology ECE1200 Datasheet HTML 8Page - Microchip Technology ECE1200 Datasheet HTML 9Page - Microchip Technology ECE1200 Datasheet HTML 10Page - Microchip Technology ECE1200 Datasheet HTML 11Page - Microchip Technology ECE1200 Datasheet HTML 12Page - Microchip Technology ECE1200 Datasheet HTML 13Page - Microchip Technology ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 11
ECE1200
2.2.1
PIN ASSIGNMENTS, 40-PIN VQFN
40-pin
VQFN
Pin Name
Direction
(Other than
Test Modes)
Pin
Type
Signal
Power Well
Emulated
Power
Well
Back-
drive
Protect
--
VSS (Pad on Underside)
--
GND
0V
--
1
ESPI_ALERT#
O
eSPI
VTR_18
VTR
2
VTR_18
--
PWR
1.8V
--
3
ESPI_IO2
IO
eSPI
VTR_18
VTR
4
ESPI_IO0
IO
eSPI
VTR_18
VTR
5
ESPI_CLK
I
eSPI
VTR_18
VTR
6
ESPI_IO1
IO
eSPI
VTR_18
VTR
7
ESPI_IO3
IO
eSPI
VTR_18
VTR
8
VTR_18
--
PWR
1.8V
--
9
TEST
I
DIO
VTR_33
VTR
10
LPC_EN
I
DIO
VTR_33
VTR
11
VTR_33
--
PWR
3.3V
--
12
BOOT_DONE
I
DIO
VTR_33
VTR
13
PLTRST#
I
DIO
VTR_33
VTR
14
VTR_CORE_18
--
PWR
1.8V
--
15
SUSCLK
I
DIO
VTR_33
VTR
Y
16
SUS_STAT#
O
PCI
VTR_33
VTR
17
SUSACK#
I
DIO
VTR_33
VTR
18
RESETI#
I
DIO
VTR_33
VTR
19
SUSWARN#
O
DIO
VTR_33
VTR
20
ESPI_STRAP_0
I
DIO
VTR_33
VTR
21
ESPI_STRAP_1
I
DIO
VTR_33
VTR
22
VTR_33
--
PWR
3.3V
--
23
LPC_CLK0
O
LCLK
VTR_33
VCC
24
LPC_CLK1
O
LCLK
VTR_33
VCC
25
LAD0
IO
PCI
VTR_33
VCC
26
LAD1
IO
PCI
VTR_33
VCC
27
LAD2
IO
PCI
VTR_33
VCC
28
LAD3
IO
PCI
VTR_33
VCC
29
LFRAME#
O
PCI
VTR_33
VCC
30
VTR_33
--
PWR
3.3V
--
31
SER_IRQ
IO
PCI
VTR_33
VCC
32
CLKRUN#
IO
PCI_24
VTR_33
VCC
33
No Connect
--
--
--
--
--
34
No Connect
--
--
--
--
--
35
SUSPWRDNACK / HOST_RST_ACK
O
DIO
VTR_33
VTR
36
ESPI_RESET#
I
eSPI
VTR_18
VTR
37
No Connect
--
--
--
--
--
38
No Connect
--
--
--
--
--
39
No Connect
--
--
--
--
--
40
ESPI_CS#
I
eSPI
VTR_18
VTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com