Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 71 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 71 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 67Page - Microchip Technology ECE1200 Datasheet HTML 68Page - Microchip Technology ECE1200 Datasheet HTML 69Page - Microchip Technology ECE1200 Datasheet HTML 70Page - Microchip Technology ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 71
ECE1200
9.7.1
INITIAL BRING-UP FROM SYSTEM G3 TO S0
FIGURE 9-1:
INITIAL BRING-UP FROM SYSTEM G3 TO S0
VTR 3.3V
(PRIMARY)
Unstable
Input
1.8V
90us min
RESETI#
(from PCH)
10 ms min
G3 /
Deep
Sleep
eSPI_RESET#
3.3V
as RSMRST#
BOOT_DONE
3.3V
Unstable
Input
1.8V
eSPI_CS#
eSPI Traffic Begins
1us min
Running
SUSCLK
32KHz
(DSW)
VTR 1.8V
(PRIMARY)
0 min
Sub-S5
S5 to S0
S0
3.3V
LPC_EN
3.3V
SLAVE_BOOT
VWires Up
LPC_CLK[1:0]
3.3V
Running
SYNCHRONOUS
Startup
SUS_STAT#
3.3V
PLTRST#
3.3V
LFRAME#
3.3V
Running
3.3V
CLKRUN#
Allowed to
rise but not
enabled
Optionally
enabled by SW
BIOS SW starts
S5
from PCH_PWROK
VWire
Channel
enabled
Periph
Channel
enabled
VWire
Handshakes
Init
Handshakes up suppressed if BOOT_DONE kept low.
(Secondary)
Asynch to
LPC_CLK
Backdrive Region
LAD[3:0]
3.3V
Running
Enabled
from RSMRST#
SERIRQ
3.3V
Running
Enabled
Initialized
by SW
A
From Shallow Reset
Unpowered: Float or Low
Driven Low
Driven Low
Unpowered: Float or Low
B
From Global Reset
55 us min
(60 - eSPI)
100ms min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com