Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 29 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 29 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 25Page - Microchip Technology ECE1200 Datasheet HTML 26Page - Microchip Technology ECE1200 Datasheet HTML 27Page - Microchip Technology ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 29
ECE1200
5.6
Register Interface
The registers associated with eSPI itself are only the eSPI Configuration Registers. They are accessed only for initial-
ization of eSPI communication parameters, by Chipset hardware after removal of the eSPI_RESET# signal. See Section
5.8, "eSPI Configuration Registers," on page 30 for details of these special registers.
Other registers, used for controlling the Bridging functionality between eSPI and LPC, are described in Section 6.0,
"Device Register Set and Initialization," on page 33.
5.7
Description
5.7.1
OPERATING FREQUENCY
The part supports standard eSPI specifications up to the 50MHz operating frequency. It does not, however, enforce a
limit to the Host Chipset, which remains in full control of the frequency selection. See the Intel Compatibility Specification
document listed in Section 5.2, "References" for the “Soft-Straps” that declare this for the system.
Any additional eSPI Slave may have its own independent frequency setting, including the maximum 66MHz, and its traf-
fic will have no effect on this device.
5.7.2
PERIPHERAL CHANNEL SUBSET
The eSPI Peripheral Channel supports I/O and Memory traffic initiated by the Host System. It does not support eSPI
Memory Mastering emulation to Host DRAM, nor the associated LTR command.
It therefore does not attempt to re-create legacy LPC DMA or Mastering.
5.7.3
VIRTUAL WIRE CHANNEL SUBSET
As referenced to the Intel Compatibility Specification document listed in Section 5.2, "References", a subset of Virtual
Wires is implemented as shown in Table 5-4. “RFU” represents a Virtual Wire that is implemented for future use only.
In Table 5-4, the following notations are used:
• IDX is the Virtual Wire Index number for the group of 4 Virtual Wires.
• Dir is the Virtual Wire direction for that Index: “Dn” (Down) is Master to Slave, “Up” is Slave to Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com