Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 27 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 27 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 23Page - Microchip Technology ECE1200 Datasheet HTML 24Page - Microchip Technology ECE1200 Datasheet HTML 25Page - Microchip Technology ECE1200 Datasheet HTML 26Page - Microchip Technology ECE1200 Datasheet HTML 27Page - Microchip Technology ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 27
ECE1200
5.5.2
BOOT_DONE
The BOOT_DONE option selects the eSPI Slave role (Primary or Secondary) that the ECE1200 should assume. The
Secondary Slave role is more passive than the Primary Slave role, in that it does not participate in Virtual Wire hand-
shake responses over eSPI. It does receive the initial Virtual Wire, but for information only. For examples of system con-
figurations and BOOT_DONE connections for them, see the figures in Section 1.1, "System Block Diagrams," on
page 5.
BOOT_DONE is not sampled at any one time, but has its effect continuously, and may either be strapped to a static
value or be changed once, as explained below.
• BOOT_DONE = permanently High means that the ECE1200 serves as the Primary eSPI slave. This means that
the Chipset has only one ESPI_CS# pin, or that there are two eSPI slaves and the ESPI_CS# on the ECE1200 is
connected to the Chipset’s ESPI_CS0# pin.
The output pin SUSPWRDNACK/HOST_RST_ACK is driven as the SUSPWRDNACK function, and the internal
HOST_RST_ACK state is transmitted as a Virtual Wire.
At the first opportunity, the Virtual Wires SLAVE_BOOT_LOAD_DONE and SLAVE_BOOT_LOAD_STATUS are
both transmitted as ‘1’ to the Chipset, freeing the system to boot above the S5 state.
• BOOT_DONE = permanently Low means that the ECE1200 serves as a Secondary eSPI slave of two or more in
the system (that is, it is connected to ESPI_CS1# or higher from the Chipset).
The SLAVE_BOOT_LOAD_DONE and SLAVE_BOOT_LOAD_STATUS Virtual Wires are not transmitted, and
instead come from the Primary Slave, which is required to be present also.
The output pin SUSWARN# is driven from its Virtual Wire, but is not expected to be used by the system. The input
pin SUSACK# has no function in this configuration, and its state will be ignored.
The output pin SUSPWRDNACK/HOST_RST_ACK is driven as the HOST_RST_ACK function.
• BOOT_DONE = Low then High is a way of delaying booting of the system, by an ECE1200 wired as the Primary
Slave, if some system consideration requires a further delay after RSMRST# has gone high. While BOOT_DONE
remains low, the Virtual Wires SLAVE_BOOT_LOAD_DONE and SLAVE_BOOT_LOAD_STATUS are not yet
transmitted to the Chipset. On the rising edge of BOOT_DONE, these Virtual Wires are transmitted as ‘1’ values,
and the ECE1200 assumes its Primary eSPI Slave role from this time onward. No Virtual Wire traffic is lost in this
sequence, because it does not commence until the SLAVE_BOOT_LOAD_xxx Virtual Wires have been sent from
a Primary slave.
The output pin SUSPWRDNACK/HOST_RST_ACK is initially driven low (as HOST_RST_ACK, temporarily), then
driven as the SUSPWRDNACK function (also initially low) when BOOT_DONE rises.
TABLE 5-1:
BOOT_DONE
BOOT_DONE
Description
0
ECE1200 assumes the Secondary eSPI Slave role. Certain Virtual Wire interactions
will not occur, deferring to another Primary device for this traffic.
SUSPWRDNACK/HOST_RST_ACK pin = HOST_RST_ACK
1
ECE1200 assumes the Primary eSPI Slave role. At the first opportunity, it will trans-
mit VWires SLAVE_BOOT_LOAD_DONE and SLAVE_BOOT_LOAD_STATUS as ‘1’
to the Chipset.
SUSPWRDNACK/HOST_RST_ACK pin = SUSPWRDNACK
0 then 1
ECE1200 assumes the Primary eSPI Slave role at the rising edge. It will transmit
VWires SLAVE_BOOT_LOAD_DONE and SLAVE_BOOT_LOAD_STATUS as ‘1’ to
the Chipset, either immediately or at the first opportunity provided by the eSPI Master
in the Chipset.
SUSPWRDNACK/HOST_RST_ACK pin = SUSPWRDNACK
1 then 0
Undefined action, and not allowed. It may lead to undefined operation in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com