Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 30 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 30 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 26Page - Microchip Technology ECE1200 Datasheet HTML 27Page - Microchip Technology ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
ECE1200
DS00003093C Draft-page 30
 2018-2021 Microchip Technology Inc.
5.8
eSPI Configuration Registers
The eSPI Configuration Register Set is only accessible using the low-level eSPI protocol commands
GET_CONFIGURATION and SET_CONFIGURATION. These are typically issued only by Chipset hardware state
machines, as directed by its own Soft-Straps, for initialization of eSPI communication parameters. These commands
include a Location field in order to designate which register is being accessed, but this Location does not reside within
the Memory or I/O space visible to CPU software.
These registers are accessible to Host software using a specialized portal in the PCH. However, accessing them is nei-
ther required nor recommended, even during BIOS POST. They are shown here only to support interpretation of eSPI
traffic for debug. See Intel’s specifications (Section 5.2) for full detail of their content and usage.
Note that the ECE1200 does not enforce a clock speed limit using these registers. It is designed to operate at a maxi-
mum frequency of 50MHz, and this is what must be declared in the Chipset’s Soft-Strap settings for eSPI communication
with this device. Any additional eSPI Slave may have its own frequency setting, including 66MHz, and its traffic will have
no effect on this device.
TABLE 5-4:
VIRTUAL WIRES IMPLEMENTED
IDX
Dir
Bit 3
Bit 2
Bit 1
Bit 0
Defaults
Reset Domain
2h
Dn
X
SLP_S5#
SLP_S4#
SLP_S3#
x000
eSPI_RESET#
3h
Dn
XOOB_RST_
WARN
PLTRST#
SUS_STAT#
x000
eSPI_RESET#
4h
Up
PME#
WAKE#
X
OOB_RST_
ACK
11x0
eSPI_RESET#
5h
Up
SLAVE_BOOT_
LOAD_STATUS
ERROR_
NONFATAL
ERROR_
FATAL
SLAVE_BOOT_
LOAD_DONE
0000
eSPI_RESET#
6h
Up
HOST_RST_
ACK
RCIN#
SMI#
SCI#
0111
PLTRST#
7h
Dn
X
X
X
HOST_RST_
WARN
xxx0
PLTRST#
40h
Up
X
X
RFU
SUS_ACK#
xx00
eSPI_RESET#
41h
Dn
SLP_A#
X
SUS_PWRDN_
ACK
SUS_WARN#
0x00
eSPI_RESET#
42h
Dn
X
X
SLP_WLAN#
SLP_LAN#
xx00
eSPI_RESET#
43h
Dn
(“Generic” Down)
0000
eSPI_RESET#
44h
Dn
(“Generic” Down)
0000
eSPI_RESET#
45h
Up
(“Generic” Up from Primary Slave CS0#)
0000
eSPI_RESET#
46h
Up
(“Generic” Up from Primary Slave CS0#)
0000
eSPI_RESET#
47h
Dn
X
X
X
HOST_C10
xxx0
PLTRST#
48h
Up
(“Generic” Up from Secondary Slave CS1#)
0000
eSPI_RESET#
49h
Up
(“Generic” Up from Secondary Slave CS1#)
0000
eSPI_RESET#
4Ah
Dn
X
XRFU
X
xx0x
eSPI_RESET#
Color Key:
No Shading:
Implemented
and used
regardless of
BOOT_DONE
pin state
Yellow:
Sent Up only if
BOOT_DONE
pin is high
Orange:
Sent up as
‘1’ if
BOOT_DONE
pin is high.
Gray:
Not
implemented.
X = Undefined
by eSPI spec
Blue:
Generated internally.
Sent Up as the Virtual Wire
if BOOT_DONE == 1
or presented on the physical
pin if BOOT_DONE == 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com