Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 47 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 47 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 47
ECE1200
6.10.1
I/O BAR ADDRESS LS REGISTER
This register holds the least-significant half of the I/O address of the Configuration Port used to access the internal reg-
ister set. The I/O address provided here is the address of the INDEX byte, and the DATA byte occupies this address
plus one. Initially these registers select the default locations: INDEX at 008Ch and DATA at 008Dh.
Both of these registers must be written, LS first and then MS, before the new I/O address is used, otherwise unspecified
behavior may result.
Bit[0] of this register must always be written as ‘0’ (expressing an Even address).
6.10.2
I/O BAR ADDRESS MS REGISTER
This register holds the most-significant half of the I/O address of the Configuration Port used to access the internal reg-
ister set. Upon writing this byte, all further accesses must use the newly-written I/O address for the INDEX and DATA
locations.
6.10.3
MAP SERIRQ IRQ1 SLOT REGISTER
6.10.4
MAP SERIRQ IRQ3 SLOT REGISTER
Index
36h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 I/O Address of the Configuration Port, Least-Significant 8 bits.
The written value is not used internally until the associated MS
register is subsequently written.
R/W
8Ch
PLTRST
Index
37h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 I/O Address of the Configuration Port, Most-Significant 8 bits.
The new I/O address is used immediately after this register is
written. The LS register must have been written first.
R/W
00h
PLTRST
Index
ACh of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 2.
By default it selects the legacy IRQ1 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
01h
PLTRST
Index
ADh of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 4.
By default it selects the legacy IRQ3 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
03h
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com