Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 45 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 45 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 45
ECE1200
6.9.19
POWER SAVE REGISTER
Index
2Ah
Bits
Description
Type
Default
Reset Event
7 OSC_LOCKED
‘1’ in this bit indicates that the on-chip oscillator is locked to the
32KHz SUSCLK input.
R
-
PLTRST
6 FORCE_OSC_LOCK
Writing ‘1’ into this bit forces the oscillator output to be used for
all activity regardless of whether it is locked. The LPC clocks
will be slower than specified if not locked.
R/W
0
PLTRST
5 Reserved
R
0
-
4 Reserved
R
0
-
3 Reserved
R
0
-
2 Reserved
R
0
-
1 IDLE_GATEOSC
A ‘1’ written into this bit will save power by gating off internal
clocking to some chip functions whenever they are idle.
R/W
0
PLTRST
0 VW_C10_STOPOSC
Connected Standby support to save internal power.
A ‘1’ written into this bit will enable Deep Sleep Mode to be
entered whenever the HOST_C10 Virtual Wire is high while all
the device interfaces (eSPI, LPC, SERIRQ and LPC Clocks)
are already idle. In Deep Sleep Mode the internal oscillator is
turned off.
R/W
0
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com