Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 56 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 56 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
ECE1200
DS00003093C Draft-page 56
 2018-2021 Microchip Technology Inc.
6.11.8
LPC ERROR LOG NON-POSTED REGISTER
6.11.9
LPC ERROR LOG POSTED REGISTER
Index
F2h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3 IORM_CHKIDL
‘1’ = An IOCHK# event has occurred while the LPC bus is
idle.
‘0’ = No IOCHK# event has occurred during LPC idle, since
this bit was last cleared.
R/W1C
0
eSPI_RESET
2 IORM_CHK_ACTIVE
‘1’ = An IOCHK# event has occurred during a Non-Posted
transfer on LPC (I/O Read or Write, or Memory Read).
‘0’ = No IOCHK# event has occurred during a Non-Posted
LPC transfer, since this bit was last cleared.
R/W1C
0
eSPI_RESET
1 IORM_ABTSYN
‘1’ = An Abort SYNC event has occurred during a Non-Posted
transfer on LPC (I/O Read or Write, or Memory Read).
‘0’ = No Abort SYNC event has occurred during a Non-
Posted LPC transfer, since this bit was last cleared.
R/W1C
0
eSPI_RESET
0 IORM_UNCL
‘1’ = An Unclaimed or Invalid SYNC event has occurred
during a Non-Posted transfer on LPC (I/O Read or Write, or
Memory Read).
‘0’ = No Unclaimed or Invalid SYNC event has occurred
during a Non-Posted LPC transfer, since this bit was last
cleared.
R/W1C
0
eSPI_RESET
Index
F3h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:3 Reserved
R
00h
-
2 MW_CHK_ACTIVE
‘1’ = An IOCHK# event has occurred during a Posted
transfer on LPC (Memory Write).
‘0’ = No IOCHK# event has occurred during a Posted LPC
transfer, since this bit was last cleared.
R/W1C
0
eSPI_RESET
1 MW_ABTSYN
‘1’ = An Abort SYNC event has occurred during a Posted
transfer on LPC (Memory Write).
‘0’ = No Abort SYNC event has occurred during a Posted
LPC transfer, since this bit was last cleared.
R/W1C
0
eSPI_RESET
0 MW_UNCL
‘1’ = An Unclaimed or Invalid SYNC event has occurred
during a Posted transfer on LPC (Memory Write).
‘0’ = No Unclaimed or Invalid SYNC event has occurred
during a Posted LPC transfer, since this bit was last
cleared.
R/W1C
0
eSPI_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com