Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 44 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 44 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
ECE1200
DS00003093C Draft-page 44
 2018-2021 Microchip Technology Inc.
6.9.14
DEVICE SUB ID REGISTER
6.9.15
DEVICE ID LS REGISTER
6.9.16
DEVICE ID MS REGISTER
6.9.17
LEGACY DEVICE ID REGISTER
6.9.18
LEGACY DEVICE REV REGISTER
Index
1Dh
Bits
Description
Type
Default
Reset Event
7:0 Device Sub ID
R
65h
-
Index
1Eh
Bits
Description
Type
Default
Reset Event
7:0 Device ID
(Least-Significant 8 bits)
R
21h
-
Index
1Fh
Bits
Description
Type
Default
Reset Event
7:0 Device ID
(Most-Significant 8 bits)
R
00h
-
Index
20h
Bits
Description
Type
Default
Reset Event
7:0 Legacy Device ID
8 bits only: This encoding defers to the 16-bit Device ID.
RFEh
-
Index
21h
Bits
Description
Type
Default
Reset Event
7:0 Legacy Device Revision
R
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com