Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 50 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 50 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
ECE1200
DS00003093C Draft-page 50
 2018-2021 Microchip Technology Inc.
6.10.13
MAP SERIRQ IRQ14 SLOT REGISTER
6.10.14
MAP SERIRQ IRQ15 SLOT REGISTER
6.10.15
MAP SERIRQ INTA# SLOT REGISTER
6.10.16
MAP SERIRQ INTB# SLOT REGISTER
6.10.17
MAP SERIRQ INTC# SLOT REGISTER
Index
B6h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 15.
By default it selects the legacy IRQ14 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
0Eh
PLTRST
Index
B7h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 16.
By default it selects the legacy IRQ15 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
0Fh
PLTRST
Index
B8h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 18.
By default it is disconnected by its initial FFh value, but any IRQ
number recognized by the Chipset may be selected by placing its
number here.
R/W
FFh
PLTRST
Index
B9h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 19.
By default it is disconnected by its initial FFh value, but any IRQ
number recognized by the Chipset may be selected by placing its
number here.
R/W
FFh
PLTRST
Index
BAh of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 20.
By default it is disconnected by its initial FFh value, but any IRQ
number recognized by the Chipset may be selected by placing its
number here.
R/W
FFh
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com