Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 77 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 77 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology ECE1200 Datasheet HTML 76Page - Microchip Technology ECE1200 Datasheet HTML 77Page - Microchip Technology ECE1200 Datasheet HTML 78Page - Microchip Technology ECE1200 Datasheet HTML 79Page - Microchip Technology ECE1200 Datasheet HTML 80Page - Microchip Technology ECE1200 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 77
ECE1200
9.7.7
ENTRY INTO S0IX STATE (CONNECTED STANDBY, C10)
FIGURE 9-7:
ENTRY INTO S0IX STATE (CONNECTED STANDBY, C10)
LPC_EN
(pin in)
3.3V
SUS_STAT#
(VWire Down
to pin out)
3.3V
LAD[3:0],
SERIRQ
3.3V
Running
3.3V
CLKRUN#
System must make PLTRST# fall first.
Idle
S0
Running
SUSCLK
32KHz
3.3V
LPC Clock Gates
3.3V
Running
HOST_C10
(VWire Down)
on PLTRST#
reset domain
Oscillator Enable
(Internal)
CLKRUN# high
period: stop clocks.
Idle period:
set CLKRUN# high.
HOST_RESET_WARN
(VWire Down)
PLTRST#
(pin in)
3.3V
Not inhibited from forcing Oscillator On or restarting it if pulled low. Mechanism:
Will both reset HOST_C10 and start up LPC clocks by resetting registers.
Running
48MHz
Oscillator
(Internal)
yy
Low = Both LPC clocks off,
and neither free-running
LPC Bus and SERIRQ are required to be already idle, and clocks off.
LFRAME#
3.3V
Running
Idle
Low = LPC Clocks Off
and HOST_C10 high.
Off, and No Lock.
Other signals, (FYI)
S0ix
(Rising would have awakened device by eSPI activity.)
(Falling would have awakened device by eSPI activity.)
Combinational
May rise before or
after LPC clock cutoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com