Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE1200 Datasheet(PDF) 55 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 55 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology ECE1200 Datasheet HTML 54Page - Microchip Technology ECE1200 Datasheet HTML 55Page - Microchip Technology ECE1200 Datasheet HTML 56Page - Microchip Technology ECE1200 Datasheet HTML 57Page - Microchip Technology ECE1200 Datasheet HTML 58Page - Microchip Technology ECE1200 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 55
ECE1200
6.11.6
SERIRQ EXCEPTION ENABLES REGISTER
6.11.7
SERIRQ CLOCKING REGISTER
Index
F0h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:6 Reserved
R
00b
-
5 IOCHK_N_SERIRQ_EN_LOCK
‘1’ = The IOCHK_N_SERIRQ_EN bit in this register is locked
Read-Only in its written state. The ‘1’ value written here also
remains, read-only, until the next reset event.
‘0’ = The IOCHK_N_SERIRQ_EN bit is Read/Write. (default)
R/W/L
0
PLTRST
4 SMI_N_SERIRQ_EN_LOCK
‘1’ = The SMI_N_SERIRQ_EN bit in this register is locked
Read-Only in its written state. The ‘1’ value written here also
remains, read-only, until the next reset event.
‘0’ = The SMI_N_SERIRQ_EN bit is Read/Write. (default)
R/W/L
0
PLTRST
3:2 Reserved
R
00b
-
1 IOCHK_N_SERIRQ_EN
‘1’ = The IOCHK# slot (Slot 17) in the SERIRQ frame is sam-
pled and allowed to propagate to the eSPI interface.
‘0’ = The IOCHK# slot does not propagate. (default)
R/W/L
0
PLTRST
0 SMI_N_SERIRQ_EN
‘1’ = The SMI# slot (Slot 3) in the SERIRQ frame is sampled
and allowed to propagate to the eSPI interface as the SMI# Vir-
tual Wire.
‘0’ = The SMI# slot does not propagate. (default)
R/W/L
0
PLTRST
Index
F1h of Logical Device 01h
Bits
Description
Type
Default
Reset Event
7:1 Reserved
R
00h
-
0 SERIRQ CLK_GATE_CTL
‘1’ = Enables internal clocking at all times to the Serial IRQ cir-
cuits. (default)
‘0’ = Allows internal clocking to be shut off to Serial IRQ circuits
when idle.
R/W
1
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com